Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68227IRAZ Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # ISL68227IRAZ
Description  Digital Single Output,12-Phase PWM Controller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68227IRAZ Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button ISL68227IRAZ Datasheet HTML 85Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 86Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 87Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 88Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 89Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 90Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 91Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 92Page - Renesas Technology Corp ISL68227IRAZ Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
ISL68227
10. PMBus Command Detail
FN9333 Rev.1.00
Page 89 of 99
Oct.1.20
10.81 COMPINTEG (DEh)
Definition: Sets the integral gain of the compensation loop.
Access: Paged
Data Length in Bytes: 4
Data Format: Bit Field
Type: R/W
Default Value: 00A9h
Command
COMPINTEG (DEh)
Format
Bit Field
Bit Position
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0000
00000
0000
000
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0000
00001
0101
001
Bit Position
Function
31:16
Not used
15:12
Delay time for stepping down gain towards shift. Dcm when in DCM, in 16*clkTs per gain step
11:8
Gain when in DCM for a while
7:4
Max gain used when Integral movement detected Gain is 2^(-shift-1)
3:0
Gain is 2^(-shift-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com