Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 63Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 64Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 65Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 66Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 67Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 68Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 69Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 70Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Interrupt system
67/300
3
–
–
Reserved, do not set to logic '1.'
2
–
–
Reserved, do not set to logic '1.'
1(1)
EI2CR,W
Enable I2C Interrupt
0
EUSB
R,W
Enable USB Interrupt
1.
1 = Enable Interrupt, 0 = Disable Interrupt.
Table 22.
IP: interrupt priority register (SFR B8h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
PT2
PS0
PT1
PX1
PT0
PX0
Table 23.
IP register bit definition
Bit
Symbol
R/W
Function
7
–
–
Reserved
6
–
–
Reserved
5(1)
1.
1 = Assigns high priority level, 0 = Assigns low priority level.
PT2
R,W
Timer 2 Interrupt priority level
4(1)
PS0
R,W
UART0 Interrupt priority level
3(1)
PT1
R,W
Timer 1 Interrupt priority level
2(1)
PX1
R,W
External Interrupt INT1 priority level
1(1)
PT0
R,W
Timer 0 Interrupt priority level
0(1)
PX0
R,W
External Interrupt INT0 priority level
Table 24.
IPA: Interrupt Priority Addition register (SFR B7h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PADC
PSPI
PPCA
PS1
–
–
PI2CPUSB
Table 25.
IPA register bit definition
Bit
Symbol
R/W
Function
7(1)
1.
1 = Assigns high priority level, 0 = Assigns low priority level.
PADC
R,W
ADC Interrupt priority level
6(1)
PSPI
R,W
SPI Interrupt priority level
5(1)
PPCA
R,W
PCA Interrupt level
4(1)
PS1
R,W
UART1 Interrupt priority level
3
–
–
Reserved
2
–
–
Reserved
1(1)
PI2CR,W
I2C Interrupt priority level
0
PUSB
R,W
USB Interrupt priority level
Table 21.
IEA register bit definition (continued)
Bit
Symbol
R/W
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com