Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 10Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 11Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 12Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 13Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 14Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 15Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 16Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 17Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
List of tables
UPSD3422, UPSD3433, UPSD3434, UPSD3454
14/300
Table 98.
UPSD34xx supported endpoints. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157
Table 99.
UPSD34xx USB SFR register map. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160
Table 100.
USB device address register (UADDR 0E2h, reset value 00h) . . . . . . . . . . . . . . . . . . . . 162
Table 101.
UADDR register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Table 102.
Pairing control register (UPAIR 0E3h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Table 103.
UPAIR register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Table 104.
USB global interrupt enable register (UIE0 0E4h, reset value 00h) . . . . . . . . . . . . . . . . . 163
Table 105.
UIE0 register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Table 106.
USB IN FIFO interrupt enable register (UIE1 0E5h, reset value 00h) . . . . . . . . . . . . . . . 164
Table 107.
UIE1 register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Table 108.
USB OUT FIFO interrupt enable register (UIE2 0E6h, reset value 00h) . . . . . . . . . . . . . 164
Table 109.
UIE2 register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Table 110.
USB IN FIFO NAK interrupt enable register (UIE3 0E7h, reset value 00h) . . . . . . . . . . . 165
Table 111.
UIE3 register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Table 112.
USB global interrupt flag register (UIF0 0E8h, reset value 00h). . . . . . . . . . . . . . . . . . . . 166
Table 113.
UIF0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
Table 114.
USB IN FIFO interrupt flag (UIF1 0E9h, reset value 00h). . . . . . . . . . . . . . . . . . . . . . . . . 167
Table 115.
UIF1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
Table 116.
USB OUT FIFO interrupt flag (UIF2 0EAh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . 168
Table 117.
UIF2 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Table 118.
USB IN FIFO NAK interrupt flag (UIF3 0EBh, reset value 00h) . . . . . . . . . . . . . . . . . . . . 169
Table 119.
UIF3 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
Table 120.
USB control register (UCTL 0ECh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170
Table 121.
UCTL register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 170
Table 122.
USB endpoint0 status (USTA 0EDh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Table 123.
USTA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Table 124.
USB endpoint select register (USEL 0EFh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . 172
Table 125.
USEL register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 172
Table 126.
USB endpoint control register (UCON 0F1h, reset value 08h) . . . . . . . . . . . . . . . . . . . . . 173
Table 127.
UCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 173
Table 128.
USB FIFO valid size (USIZE 0F2h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 174
Table 129.
USIZE register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 174
Table 130.
USB FIFO base address high register (UBASEH 0F3h, reset value 00h) . . . . . . . . . . . . 175
Table 131.
UBASEH register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
Table 132.
USB FIFO base address low register (UBASEL 0F4h, reset value 00h) . . . . . . . . . . . . . 175
Table 133.
UBASEL register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
Table 134.
USB setup command index register (USCI 0F5h, reset value 00h) . . . . . . . . . . . . . . . . . 176
Table 135.
USCI register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
Table 136.
USB setup command value register (USCV 0F6h, reset value 00h) . . . . . . . . . . . . . . . . 176
Table 137.
USCV register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
Table 138.
ACON register (SFR 97h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
Table 139.
ACON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
Table 140.
ADCPS register details (SFR 94h, Reset Value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 141.
ADAT0 register (SFR 95h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 142.
ADAT1 register (SFR 96h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 143.
PCA0 and PCA1 registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
Table 144.
CCON2 register bit definition (SFR 0FBh, reset value 10h) . . . . . . . . . . . . . . . . . . . . . . . 183
Table 145.
CCON2 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
Table 146.
CCON3 register bit definition (SFR 0FCh, reset value 10h) . . . . . . . . . . . . . . . . . . . . . . . 183
Table 147.
CCON3 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
Table 148.
PCA0 control register PCACON0 (SFR 0A4h, reset value 00h). . . . . . . . . . . . . . . . . . . . 187
Table 149.
PCA0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com