Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 15 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 11Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 12Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 13Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 14Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 15Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 16Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 17Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 18Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
List of tables
15/300
Table 150.
PCA1 control register PCACON1 (SFR 0BCh, reset value 00h) . . . . . . . . . . . . . . . . . . . 188
Table 151.
PCA1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 188
Table 152.
PCA status register PCASTA (SFR 0A5h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . 188
Table 153.
PCASTA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 188
Table 154.
TCMMODE0 - TCMMODE5 (6 registers, reset value 00h). . . . . . . . . . . . . . . . . . . . . . . . 189
Table 155.
TCMMODE0 - TCMMODE5 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 189
Table 156.
TCMMODE register configurations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190
Table 157.
UPSD34xx memory configuration. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
Table 158.
General I/O pins on PSD module . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
Table 159.
HDL statement example generated from PSDsoft express for memory map . . . . . . . . . . 199
Table 160.
VM register (address = csiop + offset E2h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 161.
Data width in different bus cycles . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Table 162.
CSIOP registers and their offsets (in hexadecimal) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Table 163.
Flash memory instruction sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Table 164.
Flash memory status bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
Table 165.
Main Flash memory protection register definition (address = csiop + offset C0h) . . . . . . 219
Table 166.
Secondary Flash memory protection/security register definition (csiop + offset C2h) . . . 219
Table 167.
DPLD and GPLD inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
Table 168.
OMC port and data bit assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
Table 169.
Output macrocell MCELLAB (address = csiop + offset 20h) . . . . . . . . . . . . . . . . . . . . . . 228
Table 170.
Output macrocell MCELLBC (address = csiop + offset 21h) . . . . . . . . . . . . . . . . . . . . . . 228
Table 171.
Output macrocell MCELLAB mask register (address = csiop + offset 22h) . . . . . . . . . . . 229
Table 172.
Output macrocell MCELLBC mask register (address = csiop + offset 23h) . . . . . . . . . . . 229
Table 173.
Input macrocell port A (address = csiop + offset 0Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Table 174.
Input macrocell port B (address = csiop + offset 0Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Table 175.
Input macrocell port C (address = csiop + offset 18h) . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
Table 176.
Port operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Table 177.
Port configuration setting requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Table 178.
MCU I/O mode port A data in register (address = csiop + offset 00h) . . . . . . . . . . . . . . . 234
Table 179.
MCU I/O mode port B data in register (address = csiop + offset 01h) . . . . . . . . . . . . . . . 234
Table 180.
MCU I/O mode port C data in register (address = csiop + offset 10h) . . . . . . . . . . . . . . . 234
Table 181.
MCU I/O mode port D Data in register (address = csiop + offset 11h) . . . . . . . . . . . . . . 234
Table 182.
MCU I/O mode port A data out register (address = csiop + offset 04h) . . . . . . . . . . . . . . 234
Table 183.
MCU I/O mode port B data out register (address = csiop + offset 05h) . . . . . . . . . . . . . . 235
Table 184.
MCU I/O mode port C data out register (address = csiop + offset 12h) . . . . . . . . . . . . . . 235
Table 185.
MCU I/O mode port D data out register (address = csiop + offset 13h) . . . . . . . . . . . . . . 235
Table 186.
MCU I/O mode port A direction register (address = csiop + offset 06h) . . . . . . . . . . . . . . 235
Table 187.
MCU I/O mode port B direction in register (address = csiop + offset 07h) . . . . . . . . . . . . 235
Table 188.
MCU I/O mode port C direction register (address = csiop + offset 14h) . . . . . . . . . . . . . . 235
Table 189.
MCU I/O mode port D direction register (address = csiop + offset 15h) . . . . . . . . . . . . . . 236
Table 190.
Latched address output, port A contro register(address = csiop + offset 02h)l . . . . . . . . 238
Table 191.
Latched address output, port B contro register (address = csiop + offset 03h)l . . . . . . . . 239
Table 192.
Port A pin drive select register (address = csiop + offset 08h) . . . . . . . . . . . . . . . . . . . . 241
Table 193.
Port B pin drive select register (address = csiop + offset 09h) . . . . . . . . . . . . . . . . . . . . 242
Table 194.
Port C pin drive select register (address = csiop + offset 16h) . . . . . . . . . . . . . . . . . . . . 242
Table 195.
Port D pin drive select register (address = csiop + offset 17h) . . . . . . . . . . . . . . . . . . . . 242
Table 196.
Port A enable out register (address = csiop + offset 0Ch) . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 197.
Port B enable out register (address = csiop + offset 0Dh) . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 198.
Port C enable out register (address = csiop + offset 1Ah) . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 199.
Port D enable out register (address = csiop + offset 1Bh) . . . . . . . . . . . . . . . . . . . . . . . . 242
Table 200.
Power management mode register PMMR0 (address = csiop + offset B0h) . . . . . . . . . . 249
Table 201.
Power management mode register PMMR2 (address = csiop + offset B4h) . . . . . . . . . . 249
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com