Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 23Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 24Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 25Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 26Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 27Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 28Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 29Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 30Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Pin descriptions
27/300
PC7
5
2
I/O
General I/O port pin
PLD, Macrocell
output, or PLD input
PD1
CLKIN
3
1
I/O
General I/O port pin
– PLD I/O
– Clock input to
PLD and APD
PD2
CSI
1
N/A
I/O
General I/O port pin
– PLD I/O
– Chip select ot
PSD module
USB+
11
7
I/O
USB D+ pin; 1.5 k
Ω
pull-up resistor is
required.
USB–
14
10
I/O
USB D– pin
3.3 V-VCC
10
6
VCC - MCU module.
connect AVCC to
VCC if the ADC is not
used.
AVCC
72
47
Analog VCC Input
VDD
3.3 V or 5 V
12
8
VDD - PSD module
VDD - 3.3 V for 3 V
VDD - 5 V for 5 V
VDD
3.3 V or 5 V
50
33
VDD - PSD module
VDD - 3.3 V for 3 V
VDD - 5 V for 5 V
GND
13
9
GND
29
19
GND
69
45
NC
51
N/A
NC
53
N/A
NC
55
N/A
NC
57
N/A
1.
N/A = Signal not available on 52-pin package.
Table 2.
Pin definitions (continued)
Port pin
Signal
name
80-pin
No.
52-pin
No.(1)
In/out
Function
Basic
Alternate 1
Alternate 2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com