Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 26Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 27Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 28Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 29Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 30Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 31Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 32Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 33Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Memory organization
UPSD3422, UPSD3433, UPSD3434, UPSD3454
30/300
4
Memory organization
The 8032 MCU core views memory on the MCU module as “internal” memory and it views
memory on the PSD module as “external” memory, see Figure 5
Internal memory on the MCU module consists of DATA, IDATA, and SFRs. These standard
8032 memories reside in 384 bytes of SRAM located at a fixed address space starting at
address 0000h.
External memory on the PSD module consists of four types: main Flash (64 Kbyte,
128 Kbyte, or 256 Kbyte), a smaller secondary Flash (32 Kbyte), SRAM (4 Kbyte, 8 Kbyte or
32 Kbyte), and a block of PSD module control registers called csiop (256 bytes). These
external memories reside at programmable address ranges, specified using the software
tool PSDsoft Express. See the PSD module section of this document for more details on
these memories.
External memory is accessed by the 8032 in two separate 64 Kbyte address spaces. One
address space is for program memory and the other address space is for data memory.
Program memory is accessed using the 8032 signal, PSEN. Data memory is accessed
using the 8032 signals, RD and WR. If the 8032 needs to access more than 64 Kbytes of
external program or data memory, it must use paging (or banking) techniques provided by
the page register in the PSD module.
Note:
When referencing program and data memory spaces, it has nothing to do with 8032 internal
SRAM areas of DATA, IDATA, and SFR on the MCU module. Program and data memory
spaces only relate to the external memories on the PSD module.
External memory on the PSD module can overlap the internal SRAM memory on the MCU
module in the same physical address range (starting at 0000h) without interference because
the 8032 core does not assert the RD or WR signals when accessing internal SRAM.
Figure 5.
UPSD34xx memories
• External memories may be placed at virtually
any address using software tool PSDsoft Express.
• The SRAM and Flash memories may be placed
in 8032 Program Space or Data Space using
PSDsoft Express.
• Any memory in 8032 data space is XDATA.
64 KB
or
128 KB
or
256 KB
32 KB
Main
Flash
Internal SRAM on
MCU module
External memory on
PSD module
IDATA
SFR
DATA
Secondary
Flash
4 KB
or
8 KB
or
32 KB
SRAM
384 Bytes SRAM
Direct or indirect addressing
FF
80
7F
128 bytes
128 Bytes
128 bytes
0
Indirect
addressing
Fixed
addresses
Direct
addressing
AI10410c
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com