Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 124 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 120Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 121Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 122Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 123Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 124Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 125Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 126Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 127Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
I2C interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
124/300
23.2
Communication flow
I2C data flow control is based on the fact that all I2C compatible devices will drive the bus
lines with open-drain (or open-collector) line drivers pulled up with external resistors,
creating a wired-AND situation. This means that either bus line (SDA or SCL) will be at a
logic '1' level only when no I2C device is actively driving the line to logic '0.' The logic for
handshaking, arbitration, synchronization, and collision detection is implemented by each
I2C device having:
1.
The ability to hold a line low against the will of the other devices who are trying to
assert the line high.
2.
The ability of a device to detect that another device is driving the line low against its will.
Assert high means the driver releases the line and external pull-ups passively raise the
signal to logic '1.' Holding low means the open-drain driver is actively pulling the signal to
ground for a logic '0.'
For example, if a Slave device cannot transmit or receive a byte because it is distracted by
and interrupt or it has to wait for some process to complete, it can hold the SCL clock line
low. Even though the Master device is generating the SCL clock, the Master will sense that
the Slave is holding the SCL line low against the will of the Master, indicating that the Master
must wait until the Slave releases SCL before proceeding with the transfer.
Another example is when two Master devices try to put information on the bus
simultaneously, the first one to release the SDA data line looses arbitration while the winner
continues to hold SDA low.
Two types of data transfers are possible with I2C depending on the R/W bit, see Figure 41
on page 125.
1.
Data transfer from master transmitter to slave receiver (R/W = 0). In this case, the
Master generates a Start condition on the bus and it generates a clock signal on the
SCL line. Then the Master transmits the first byte on the SDA line containing the 7-bit
Slave address plus the R/W bit. The Slave who owns that address will respond with an
acknowledge bit on SDA, and all other Slave devices will not respond. Next, the Master
will transmit a data byte (or bytes) that the addressed Slave must receive. The Slave
will return an acknowledge bit after each data byte it successfully receives. After the
final byte is transmitted by the Master, the Master will generate a Stop condition on the
bus, or it will generate a Re-Start conditon and begin the next transfer. There is no limit
to the number of bytes that can be transmitted during a transfer session.
2.
Data transfer from slave transmitter to master receiver (R/W = 1). In this case, the
Master generates a Start condition on the bus and it generates a clock signal on the
SCL line. Then the Master transmits the first byte on the SDA line containing the 7-bit
Slave address plus the R/W bit. The Slave who owns that address will respond with an
acknowledge bit on SDA, and all other Slave devices will not respond. Next, the
addressed Slave will transmit a data byte (or bytes) to the Master. The Master will
return an acknowledge bit after each data byte it successfully receives, unless it is the
last byte the Master desires. If so, the Master will not acknowledge the last byte and
from this, the Slave knows to stop transmitting data bytes to the Master. The Master will
then generate a Stop condition on the bus, or it will generate a Re-Start conditon and
begin the next transfer. There is no limit to the number of bytes that can be transmitted
during a transfer session.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com