Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 190 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 190 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 186Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 187Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 188Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 189Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 190Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 191Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 192Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 193Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 194Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Programmable counter array (PCA) with PWM
UPSD3422, UPSD3433, UPSD3434, UPSD3454
190/300
2
TOGGLE
1 - A match on the comparator results in a toggling output on CEXn pin.
1-0
PWM[1:0]
01 Enable PWM Mode (x8), fixed frequency. Enable the CEXn pin as a
PWM output.
10 Enable PWM Mode (x8) with programmable frequency. Enable the
CEXn pin as a PWM output.
11 Enable PWM Mode (x10 or x16), fixed frequency. Enable the CEXn pin
as a PWM output.
Table 156.
TCMMODE register configurations
EINTF E_COMP CAP_PE CAP_NE MATCH TOGGLE PWM1
PWM0
TCM FUNCTION
00
0
0
0
0
0
0
No operation (reset
value)
01
0
0
0
0
0
1
8-bit PWM, fixed
frequency
01
0
0
0
0
1
0
8-bit PWM,
programmable
frequency
01
0
0
0
0
1
1
10-bit or 16-bit
PMW, fixed
frequency(1)
1.
10-bit PWM mode requires the 10B_PWM Bit in the PCACON register set to '1.'
X
1
0
0
1
1
0
0
16-bit toggle
X1
0
0
1
0
0
0
16-bit Software
Timer
XX
0
1
0
0
0
0
16-bit capture,
negative trigger
XX
1
0
0
0
0
0
16-bit capture,
positive trigger
XX
1
1
0
0
0
0
16-bit capture,
transition trigger
Table 155.
TCMMODE0 - TCMMODE5 register bit definition (continued)
Bit
Symbol
Function
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com