Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 198 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 194Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 195Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 196Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 197Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 198Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 199Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 200Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 201Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
198/300
28.2.1
8032 program address space
In the example of Figure 63, six sectors of Main Flash memory (fs2.. fs7) are paged across
three memory pages in the upper half of program address space, and the remaining two
sectors of Main Flash memory (fs0, fs1) reside in the lower half of program address space,
and these two sectors are independent of paging (they reside in “common” program address
space). This paged memory example is quite common and supported by many 8051
software compilers.
28.2.2
8032 data address space (XDATA)
Four sectors of Secondary Flash memory reside in the upper half of 8032 XDATA space in
the example of Figure 63. SRAM and csiop registers are in the lower half of XDATA space.
The 8032 SFR registers and local SRAM inside the 8032 MCU module do not reside in
XDATA space, so it is OK to place PSD module SRAM or csiop registers at an address that
overlaps the address of internal 8032 MCU module SRAM and registers.
Figure 63.
Typical system memory map
28.2.3
Specifying the memory map with PSDsoft express
The memory map example shown in Figure 63 on page 198 is implemented using PSDsoft
Express in a point-and-click environment. PSDsoft Express will automatically generate
Hardware Definition Language (HDL) statements of the ABEL language for the DPLD, such
as those shown in Table 159.
Specifying these equations using PSDsoft Express is very simple. For example, Figure 64,
page 84 shows how to specify the chip-select equation for the 16 Kbyte Flash memory
segment, fs4. Notice fs4 is on memory page 1. This specification process is repeated for all
other Flash memory segments, the SRAM, the csiop register block, and any external chip
select signals that may be needed.
0000h
8000h
A000h
C000h
E000h
FFFFh
8032 XDATA
SPACE
(RD and WR)
8032 PROGRAM SPACE
(PSEN)
csboot0
8KB
csboot1
8KB
csboot2
8KB
csboot3
8KB
Page X
fs0, 16KB
Common Memory to All Pages
fs7
16KB
fs5
16KB
fs3
16KB
rs0, 8KB
Page 0
Page 2
Page 1
2000h
0000h
8000h
FFFFh
System
I/O
fs6
16KB
fs4
16KB
fs2
16KB
fs1, 16KB
Common Memory to All Pages
C000h
4000h
csiop
256B
AI09173
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com