Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 207 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 203Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 204Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 205Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 206Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 207Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 208Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 209Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 210Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
PSD module
207/300
28.5
PSD module detailed operation
Specific details are given here for the following key functional areas on the PSD module:
●
Flash Memories
●
PLDs (DPLD and GPLD)
●
I/O Ports
●
Power Management
●
JTAG ISP and Debug Interface
28.5.1
Flash memory operation
The Flash memories are accessed through the 8032 Address, Data, and Control Bus
interfaces. Flash memories (and SRAM) cannot be accessed by any other bus master other
than the 8032 MCU (these are not dual-port memories).
The 8032 cannot write to Flash memory as it would an SRAM (supply address, supply data,
supply WR strobe, assume the data was correctly written to memory). Flash memory must
first be “unlocked” with a special instruction sequence of byte WRITE operations to invoke
an internal algorithm inside either Flash memory array, then a single data byte is written
(programmed) to the Flash memory array, then programming status is checked by a byte
READ operation or by checking the Ready/Busy pin (PC3). Table 163 on page 209 lists all
of the special instruction sequences to program a byte to either of the Flash memory arrays,
erase the arrays, and check for different types of status from the arrays.
PMMR0
B0h
Power management register 0.
WRITE and READ.
Table 200
on
page 249
PMMR2
B4h
Power management register 2.
WRITE and READ.
Table 201
on
page 249
PMMR3
C7h
Power management register 3.
WRITE and READ. However,
Bit 1 can be cleared only by a
reset condition.
Table 202
on
page 250
Page
E0h
Memory page register. WRITE
and READ.
Table 62
on
page 194
VM (Virtual
Memory)
E2h
Places PSD module memories
into 8032 Program Address
Space and/or 8032 XDATA
Address Space. (VM overrides
initial non-volatile setting that
was specified in PSDsoft
Express. Reset restores initial
setting)
Table 160
on
page 203
Table 162.
CSIOP registers and their offsets (in hexadecimal) (continued)
Register
name
Port A
(80-pin)
Port B Port C Port D Other
Description
Link
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com