Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 218 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 218 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 214Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 215Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 216Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 217Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 218Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 219Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 220Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 221Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
218/300
28.5.20
Reset Flash
The Reset Flash instruction sequence resets the embedded algorithm running on the state
machine in the targeted Flash memory (Main or Secondary) and the memory goes into
Read Array mode. The Reset Flash instruction consists of one bus WRITE cycle as shown
in Table 163 on page 209, and it must be executed after any error condition that has
occurred during a Flash memory Program or Erase operation.
It may take the Flash memory up to 25µs to complete the Reset cycle. The Reset Flash
instruction sequence is ignored when it is issued during a Program or Bulk Erase operation.
The Reset Flash instruction sequence aborts any on-going Sector Erase operation and
returns the Flash memory to Read Array mode within 25µs.
28.5.21
Reset signal applied to Flash memory
Whenever the PSD module receives a reset signal from the MCU module, any operation
that is occurring in either Flash memory array will be aborted and the array(s) will go to
Read Array mode. It may take up to 25µs to abort an operation and achieve Read Array
mode.
A reset from the MCU module will result from any of these events: an active signal on the
UPSD34xx RESET_IN input pin, a watchdog timer time-out, detection of low VCC, or a JTAG
debug channel reset event.
28.5.22
Flash memory sector protection
Each Flash memory sector can be separately protected against program and erase
operations. This mode can be activated (or deactivated) by selecting this feature in PSDsoft
Express and then programming through the JTAG Port. Sector protection can be selected
for individual sectors, and the 8032 cannot override the protection during run-time. The 8032
can read, but not change, sector protection.
Any attempt to program or erase a protected Flash memory sector is ignored. The 8032 may
read the contents of a Flash sector even when a sector is protected.
Sector protection status is not read using Flash memory instruction sequences, but instead
this status is read by the 8032 reading two registers within csiop address space shown in
Table 165 and Table 166.
28.5.23
Flash memory protection during power-up
Flash memory WRITE operations are automatically prevented while VDD is ramping up until
it rises above VLKO voltage threshold at which time Flash memory WRITE operations are
allowed.
28.5.24
PSD module security bit
A programmable security bit in the PSD module protects its contents from unauthorized
viewing and copying. The security bit is set using PSDsoft Express and programmed into
the PSD module with JTAG. When set, the security bit will block access of JTAG
programming equipment from reading or modifying the PSD module Flash memory and
PLD configuration. The security bit also blocks JTAG access to the MCU module for
debugging. The only way to defeat the security bit is to erase the entire PSD module using
JTAG (erase is the only JTAG operation allowed while security bit is set), after which the
device is blank and may be used again. The 8032 MCU will always have access to Flash
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com