Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9412 Datasheet HTML 1Page - Renesas Technology Corp P9412 Datasheet HTML 2Page - Renesas Technology Corp P9412 Datasheet HTML 3Page - Renesas Technology Corp P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Datasheet
P9412
30W Wireless Transmitter/Receiver (TRx)
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 1
© 2021 Renesas Electronics
The P9412 is a 30W highly integrated single-chip
wireless power Wattshare
™ transmitter/receiver IC
(TRx) with a high-performance capacitive divider.
The device can be configured to receive or transmit
AC power through magnetic induction. When the
device is configured as a wireless power transmitter
(Tx), it uses on-chip full/half-bridge inverter, PWM
generator, modulator/demodulator (for
communication) and micro controller to produce an
AC power signal to drive external L-C tank. As a
wireless power receiver (Rx), the device receives
AC power from a wireless transmitter and converts it
to a rectified output voltage, which can be used to
power downstream devices or supply the charger
input in mobile applications.
The P9412 integrates a high-efficiency synchronous
full bridge rectifier and control circuitry to modulate
the load and send message packets to the
Transmitter for optimized power delivery. The
device features Multiple-Time Programmable (MTP)
non-volatile memory which allows easy firmware
updates.
The P9412 includes over-current, over-voltage, and
over-temperature protections. Fault conditions are
managed by an industry-leading 32-bit ARM®
Cortex®-M0 processor offering high programmability
with low standby power ideal for mobile
applications. The processor can also control GPIOs
to indicate operating and fault modes. The device is
available in a WLCSP-81 package.
Applications
Smart phone
Other mobile applications
Features
Single-chip Magnetic Induction Wireless Power
Transmitter/Receiver
WPC 1.3 compatible
Supports proprietary modes
Delivers up to 30W as a receiver
Delivers over 6W as a transmitter
Integrated high-performance synchronous
rectifier, LDO, and capacitor divider
Reliable over-voltage clamping
Best-in-class EMI performance (in Bypass mode)
Proprietary Rx-to-Tx modulation/demodulation for
two-way communication
Tx-to-Rx (Backchannel) communication
24kB MTP non-volatile memory for expanded
feature support
Embedded 32-bit ARM® Cortex®-M0 processor
Supports I2C 400kHz standard interface and
GPIOs
0.4mm pitch WLCSP-81 4.02 × 4.01 mm package
VRECT
LC
Demod filter
LC
Rx – OUTPUT
TRx – INPUT
P9412
CM1
CMA
BST1
AC1
AC2
BST2
PGND
CMB
CM2
DEMOD
PCLAMP
PCLAMP_Dr
GPIO0
GPIO1
GPIO2
GPOD0
GPOD4
GPIO3
GPIO4/CPOUT_GD
GPOD6/PDET_B
VRECT
VOUT
CPBST3
CPP
CPBST2
CPOUT
CPBST1
CPN
CPGND
VSENSE
V5P0_AP
LDO5P0
LDO1P8
V1P8_AP
SDA
SCL
nINT
nEN
GND
GPIO5
5.0 V (External)
1.8 V (AP)
GPOD5/INHIBIT
LDO1P8
LDO1P8
TxEN
Figure 1. Block Diagram


Similar Part No. - P9412

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P941-12I TRIPPLITE-P941-12I Datasheet
161Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 12-in.
P941-19I TRIPPLITE-P941-19I Datasheet
159Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin/7Pin-Up), 19-in.
P94119I TRIPPLITE-P94119I Datasheet
490Kb / 2P
Serial ATA (SATA) Right Angle Signal Cable (7Pin-7Pin-Up), 19-in
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
P9415-0AWQI8 RENESAS-P9415-0AWQI8 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
More results

Similar Description - P9412

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Toshiba Semiconductor
TA32305 TOSHIBA-TA32305 Datasheet
605Kb / 26P
RF 1chip Receiver and Transmitter for low power wireless
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Semtech Corporation
TSDMTX-5V2-EVM SEMTECH-TSDMTX-5V2-EVM Datasheet
5Mb / 24P
Wireless Charging Transmitter
logo
HOPE Microelectronics C...
RFM210LH-D HOPE-RFM210LH-D Datasheet
412Kb / 3P
Wireless Receiver Module
logo
IOGEAR
GW4K30GH60 IOGEAR-GW4K30GH60 Datasheet
173Kb / 2P
Ultra-Fast 60GHz Wireless 4K UHD Transmitter and Receiver Kit
GWHD2DKIT IOGEAR-GWHD2DKIT Datasheet
166Kb / 2P
Share Pro??Mini Wireless HD Video Transmitter and Receiver Kit
logo
Renesas Technology Corp
P9415 RENESAS-P9415 Datasheet
885Kb / 30P
30W Wireless Power Receiver with WattShare™ TRx Mode
December 19, 2019
logo
Silicon Mitus, Inc.
SM5903 SILICONMITUS-SM5903 Datasheet
198Kb / 2P
Wireless Power Transmitter/Receiver (TRx) Supporting Medium Power
July 2021 Rev. 0.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com