Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 11
Symbol
Description
Conditions
Minimum
Typical
Maximum
Unit
I2C SERIAL INTERFACE(NOTE2)
VIL
Input Low Threshold
VPull-Up = 1.8V
0.7
V
VIH
Input High Threshold
1.4
V
II2C_PINS_LKG
Leakage Current
V=1.8V, TA=25°C
±1
µA
VOL
Output Logic Low
IOL=8mA
0.36
V
fSCL
SCL & SCL_M Clock
Frequency
Cb=400pF (max)
400
kHz
Ci
Capacitance for each I/O pin
In fSCL=Max 400kHz
10
pF
tHD,STA
Hold Time (Repeated) for
START Condition
fSCL=Max 400kHz
0.6
µs
tHD:DAT
Data Hold Time
0
µs
tLOW
Low Period of the SCL clock
fSCL=Max 400kHz
1.3
µs
tHIGH
High Period of the SCL clock
fSCL=Max 400kHz
0.6
µs
tSU:STA
Set-up Time for Repeated
START Condition
fSCL=Max 400kHz
0.6
µs
tBUF
Bus Free Time Between
STOP and START Condition
1.3
µs
Cb
Capacitive Load for Each Bus
Line
fSCL=Max 400kHz
400
pF
1. The LDO1P8 pin can only be loaded after device startup.
2. Guaranteed by design and not fully tested in production.
3. Input voltage operating range is dependent upon the type of transmitter power stage (Full-bridge, half-bridge) and transmitting coil
inductance. WPC Specifications should be consulted for appropriate input voltage ranges by end-product type.
4. When Vout is set above 12V, firmware should turn on capacitor divider on into bypass mode with Vout =12V first and then increase the
Vout to the final value
5. Finer step size may be achieved by firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com