Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 20
3.13.11. Negotiation
The Power Receiver negotiates with the Power Transmitter to fine-tune the Power Transfer Contract. For this
purpose, the Power Receiver sends negotiation requests to the Power Transmitter, where the Power Transmitter
can grant or deny.
3.13.12. Calibration
The Power Receiver provides its Received Power back to the Power Transmitter.
3.13.13. Power Transfer
In this phase, the P9412 controls the power transfer by means of the following Control Data Packets:
Control Error Packets
Recieved Power Packets
End Power Transfer Packet
3.13.14. Renegotiation
In this phase, the Power Receiver can make adjustments to the Power Transfer Contract, if so desired. If
necessary, this phase can be aborted prematurely without changing the Power Transfer Contract.
3.13.15. End of Power Transfer (EPT)
In the event of EPT, the P9412 will continuously send End of Power (EPT) packets until the transmitter removes
the power and the rectifier voltage on the receiver side drops below the UVLO threshold.
3.14
External Components
The P9412 requires a minimum number of external components for proper operation. For required external
components and values and the wiring diagram, see the reference schematic in Figure 16.
3.15
Rx Wireless Power Coil
The Rx coil is dependent on customer requirements since most are custom designs. Renesas recommends the
following typical values for Rx-only coils:
Ls = 8 to 10
µH
DCR = < 0.3
ACR = < 0.4
For TRx coil design guidance, see Application Note AN-1039 TRx Coil Guide v17. It is recommended to closely
follow these coil design guidelines to avoid WPC certification issue’s or other power transfer relates obstacles
that may lead to delays in production launches caused by improper coupling or unexpected operating conditions.
3.16
Resonance Capacitors
The series resonance capacitors are critical components and must be chosen carefully. All current that flows to
the load flows through these components, plus any current lost in the rectifier AC to DC conversion and
Capacitive Divider conversion. The recommended capacitor is the 100nF Murata (GRM155R61H104KE19D,
0402, X7R, 50V), which have an ESR ~ 0.1ohms at 100kHz. This capacitor should be selected based on ESR
value and DC bias effects. If another capacitor is chosen, inspecting the ESR versus Frequency curve of the
manufacturer’s capacitor datasheet is necessary to compare ESR characteristics, as well as the DC bias effects
on the capacitor value (equivalent or lower ESR and equivalent or higher DC bias at 15V DC applied should be
used to select substitutions). Adding an additional non-populated (NP) component placement (C6) is advised if
additional capacitance is needed for a particular Rx or TRx coil.
3.17
Input Capacitor (VRECT Capacitors)
The LDO input capacitors (VRECT capacitors) should be located as close as possible to the VRECT pins and
ground (PGND). Ceramic capacitors are recommended for their low ESR and small profile. The DC bias effects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com