Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp P9412 Datasheet HTML 25Page - Renesas Technology Corp P9412 Datasheet HTML 26Page - Renesas Technology Corp P9412 Datasheet HTML 27Page - Renesas Technology Corp P9412 Datasheet HTML 28Page - Renesas Technology Corp P9412 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 25
Figure 13. Efficiency vs. Output Current during Wireless Power Transfer; Bypass Mode (VOUT=CPOUT)
Figure 14. Efficiency vs. Output Current during Wireless Power transfer; Tx Mode (VIN=CPOUT)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
RX Output Power (W)
P9412 from P9247 Efficiency (%) vs. Output Power(W)
with V17 and Luxshare Coils; RX Bypass Mode
9V, luxshare
12V, luxshare
Bypass 12V, V17 coil
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
Tx Mode Output Power (W)
TRx Mode Efficiency (%) vs. Output Power (W)
to P9382 (V17 coils)
7.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com