Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp P9412 Datasheet HTML 24Page - Renesas Technology Corp P9412 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 21
on the selected capacitors should be considered, and at least 6µF of effective capacitance at 5V DC is
recommended for proper device operation for power levels up to 5W. For 10W designs, the effective capacitance
should be at least 7.5µF at 10V DC. For 20V output levels, the effective capacitance at 20VDC should be 8µF. A
0.01µF capacitor in a 0201 or 0402 size package is recommended for high frequency decoupling of the VRECT
power rail. The voltage rating o
f these components should be ≥ 35V. Vrect capacitor is the input capacitor for
VOUT and is subject to high current events at the wireless power transfer operating frequency.
3.18
Output Capacitors (VOUT and CPOUT Capacitors)
The output capacitor connection to the ground pins (PGND) should be made as short as practical for maximum
device performance. Since the LDO has been designed to function with very low ESR capacitors, a ceramic
capacitor is recommended for best performance. For better transient response and lower output ripple voltages,
the total amount of output capacitance should be increased to meet the output voltage variation target of the
application (VRECT capacitance might need to be increased as well). The DC bias effects on the selected
capacitors should be considered, and at least 3µF of effective capacitance is required for all output voltages.
Additionally to improve performance it is recommended to have 4.5µF of effective capacitance at 10V DC output
and 5 µF for 20V DC output levels. A 2.2nF capacitor in a 0201 or 0402 size package is also necessary for high
frequency decoupling of the VOUT power rail.
The CPOUT node is a switching capacitive divider output capable of providing 2× the output current supplied by
VOUT at ½ the voltage. The Capacitive divider should have a bank of flying capacitors (3 × 22 µF), three
bootstrap capacitors and CPOUT bypass capacitors (2 × 10 µF). The output ripple will be a function of the
effective capacitance used for CFLY and CPOUT as well as the effective capacitance of Vrect and VOUT. A 1nF
capacitor in a 0201 or 0402 size package is recommended for high frequency decoupling of the CPOUT power
rail.
3.19
LDO1P8 Capacitor
The P9412 has an internal LDO regulator that must have at least a 1µF to 2.2µF capacitor connected from the
LDO1P8 pin to PGND. This capacitor should be as close as possible to the LDO1P8 pin with a close GND
connection. A 0.1µF capacitor in a 0201 or 0402 size package can be added for improved high frequency
decoupling of the LDO1P8 power rail since this voltage powers the internal ARM Cortex-M0 processor.
3.20
LDO5P0 Capacitor
The P9412 has an internal LDO regulator that must have at least a 1µF to 2.2µF capacitor connected from the
LDO5P0 pin to PGND. This capacitor should be as close as possible to the LDO5P0 pin with a close PGND
connection. A 0.1µF capacitor in a 0201 or 0402 size package can be added for improved high-frequency
decoupling of the LDO5P0 power rail since this voltage powers the internal ADC, gate drive supplies, and UVLO
circuits.
3.21
XY Alignment
The P9412 has integrated XY alignment coil data receive circuitry that should be used to monitor XY alignment
coils integrated with the WPC TRx coil. The XY alignment feature allows the device to sense its relative position
to the Tx coil magnetic field center and enables FOD compensation to be applied based on the position of the Rx
to increase spatial freedom. When used, the XY alignment coils should be connected to pins GP2 (X-alignment
coil input) and GP5 (Y-alignment coil input). For more information, see the P9412 User Manual and Application
Note P9412 XY Alignment Coil Design, Usage, and Tuning Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com