Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 13
nEN&UVLO
BIAS
MLDO
12-bit ADC
DAC
+Comp
WPC Freq Det
DEMOD
OSC
60MHz
General Purpose IO
(GPIO & GPOD)
BST1
BST2
nEN
LDO5P0
VRECT
AC1
AC2
CM1
CMA
VOUT
ISP
ISN
V1P8_AP
PCLAMP
DEMOD
VRECT
VREF
Is_out
T/RX
control
SCL(OD1);SDA(OD2);/INT(OD3);GPOD4;
GPOD5;GPIO0;GPIO1;GPIO2;GPIO3;GPIO4;GPIO5
-
ARM M0 Controller
LDO5V
CPBST2
(w / 24kBMTP, 8 kB RAM)
CM2
CMB
Capacitive
Divider
Control
CPBST3
CPP
CPBST1
CPOUT
CPN
+
-
Is_ext
Is_out
PDET
VOUT_S
VREF
+
_
CPGND
PGND
LDO1P8
LDO1P8
V5P0_AP
5V Select
GND
PCLAMP_DR
LDO5P0
TxEN
VSENSE
OD6
Q6 (A)
Q1
Q3
Q4
Q2
Q5
Q9 (D)
Q8 (C)
Q7 (B)
/EN
OD0
OVP
Figure 4. Simplified Block Diagram
3.2.2.
Power Control
The voltage at VRECT and the current through the rectifier are sampled periodically and digitized by the ADC.
The digital equivalents of the voltage and current are supplied to the internal control logic, which decides
whether the loading conditions on VRECT indicate that a change in the operating point is required. If the load is
heavy enough to bring the voltage at VRECT below its target, the transmitter is instructed to move its frequency
lower, closer to resonance. If the voltage at VRECT is higher than its target, the transmitter is instructed to
increase its frequency. To maximize efficiency, the voltage at VRECT is programmed to decrease as the LDO’s
load current increases.
3.3
Status and Interrupt Indicators
The P9412 has seven General Purpose Open Drain (GPOD) pins and six General Purpose Input Output (GPIO)
pins. The GP pins can be configured to meet a wide variety of signaling and sensing requirements in end
applications. The GPIO pins can be push-pull input/outputs and the GPOD pins can be open-drain
inputs/outputs. These digital pins are internally biased or referenced to one of the 1.8V voltage rails. The GPIO
pins must not be directly connected to GND to avoid overcurrent conditions forced upon the output. Resistive
pull-
downs on the GPIO pins should be ≥ 2kΩ. When any of the GPOD or GPIO pins are used for analog voltage
measurements using the internal ADC, the voltage should be limited to < 1.8V in order to avoid saturating the
ADC or forcing a voltage above the reference voltage rail. The most common uses have been designated in the
reference schematic and the reference schematic should be followed to align with the latest firmware unless
written exception is provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com