Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 12
3.
Functional Description
3.1
Wireless Power Charging System
A wireless power charging system has a base station with one or more transmitters (Tx) that make power
available via DC-to-AC inverter(s) and transmit the power over a strongly-coupled inductor pair (magnetic
induction), or over a loosely-coupled inductor pair (magnetic resonance) to a receiver (Rx) in a mobile device. A
Wireless Power Consortium (WPC)1 system uses near field magnetic induction between coils and can be a free-
positioning or magnetically-guided type of system.
In WPC systems the amount of power transferred to the mobile device is controlled by the receiver. The receiver
sends communication packets to the transmitter to increase power, decrease power, or maintain the power level.
The Rx-to-Tx communication uses the existing power links (in-band communication) with Amplitude Shift Key
(ASK) at 2kbps data rate.
Base Station
Transmitter
Transmitter
Mobile Device
Receiver
Transmitter
Power
PowerConversion
Power Pick
-up
Control
Control
Messages
Comm
Comm
Reflected Load
Mod
DeMod
Figure 3. Block Diagram of a WPC System
3.2
Theory of Operation
3.2.1.
Overview
The P9412 is a highly-integrated wireless power transmitter/receiver (TRx) IC for mobile applications. As a
wireless power receiver (Rx), the device can deliver up to 30W wirelessly using near-field magnetic induction,
and it operates in compliance with WPC specification in all modes. The P9412 also employs higher power
protocols enabling the extension of power delivery beyond the WPC EPP standard.
Figure 3 shows the simplified block diagram of the P9412. External Rx coil(s) and CS capacitor(s) transfer
energy wirelessly using the P9412 AC1 and AC2 pins to be full-wave-rectified (AC-to-DC).
The wireless power is stored on a capacitor(s) connected to VRECT. Until the voltage across the VRECT
capacitor exceeds the UVLO threshold, the rectification is performed by the body diodes of the synchronous full
bridge rectifier FETs. After the internal biasing circuit is enabled, the driver and control block operates the
MOSFET switches of the rectifier in various modes to maintain reliable connections at optimal efficiency. An
internal ADC monitors the voltage at VRECT and the load current, the P9412 sends instructions to the wireless
power transmitter to increase or decrease the amount of power transferred or to terminate power transmission
based on these readings. The voltage at the output of the P9412 Main Low-Drop-Out (LDO) regulator (VOUT) is
programmed from 5V to 20V using I2C commands. The internal temperature is continuously monitored to ensure
safe operation.
1 For the most current information, see the WPC specification at http://www.wirelesspowerconsortium.com/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com