Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp P9412 Datasheet HTML 22Page - Renesas Technology Corp P9412 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 19
Each byte has a start bit, 8 data bits, a parity bit, and a single stop bit.
3.13.7.
System Feedback Control
The P9412 is fully compatible with the WPC (latest specification), and has all necessary circuitry to communicate
with the base station or with a receiver via WPC communication packets. The overall WPC system behavior
between the transmitter and receiver follows the state machine shown below
.
Selection
Ping
Identification
& Configuration
Negotiation
EP
Calibration
EP
Renegotiation
EP
Power Transfer
No response
or no power
needed
Object
detected
Negotiation failure
or error condition
Calibration failure
or error condition
Negotiation
successful
Power receiver
present
Error
condition
Negotiation
requested
No negotiation requested
(≤ 5W power receiver only)
Power transfer complete
or error condition
START
Renegotiation
requested
Renegotiation
completed
Calibration
successful
Error
condition
Figure 10. WPC System Feedback Control
The P9412 goes through four phases: Selection, Ping, Identification & Configuration, Negotiation, Calibration
and Power Transfer.
3.13.8.
Selection
In this phase, the P9412 senses or delivers the wireless power and proceeds to the PING state. It monitors the
rectified voltage or DEMOD signal, and when the voltage is above the VUVLO_rising threshold, the P9412 prepares
to communicate with the base station or enter power PING mode.
3.13.9.
Ping
In this phase, the P9412 transmits a Signal Strength Packet as the first communication packet to instruct the
base to keep the power signal ON (or the P9412 detects a Signal Strength Packet). After sending/receiving the
Signal Strength Packet, the P9412 proceeds to the Identification and Configuration phase. If, instead, an End of
Power Packet is sent or an invalid response is sent, then it remains in the PING phase.
In this phase, the P9412 sends/expects the following packets:
Signal Strength Packet
End of Power Packet
3.13.10. Identification and Configuration (ID and Config)
In this phase, the P9412 sends or expect the following packets:
Identification Packet
Configuration Packet
After the transmission of the Configuration Packet, the P9412 proceeds to the Negotiation phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com