Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 10Page - Renesas Technology Corp P9412 Datasheet HTML 11Page - Renesas Technology Corp P9412 Datasheet HTML 12Page - Renesas Technology Corp P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 14
3.4
Multiple-Time Programmable Memory
The P9412 includes Multiple-Time Programmable (MTP) memory, or pseudo-flash, that can be re-programmed
up to 1000 times. This offers the flexibility of re-programming during pre-production to optimize performance
and/or re-programming for field upgrades after product release. The device contains 24kB of MTP memory. The
MTP programming voltage range is based on the USB “On-the-Go” (OTG) specification of 5V power (±10%)
applied to VRECT via the CPOUT pin.
3.5
Tx Mode
When the P9412 operates as a wireless power transmitter (Tx), power is applied to the VOUT pins as the input,
which is the same node as the power receiver (Mobile Device) output when the device operates in WPC Rx
Mode. In Tx Mode (Base Station), the Rx is now the Tx and sends instructions that are filtered using the DEMOD
filter shown in Figure 5 and decoded internally using a dithered PWM controller for high-resolution voltage
modulation decoding. Based on the received packet, the P9412 will adjust the operating frequency to match the
transmitted power level to the required receiver power level for reliable and efficient wireless power transfer.
Figure 5. Tx DEMOD Filter and AC Coupling
3.6
Synchronous Rectifier
The efficiency of the full-bridge rectifier in the P9412 is increased by integrating a synchronous rectifier. The
rectifier comprises four internally-driven switches that work in a full synchronous mode when the load applied to
CPOUT is higher than the programmed threshold value. Below that threshold, the rectifier works in half-
synchronous rectification mode. In half-synchronous rectification mode, only the low-side N-MOSFETs are
switching and the high-side N-MOSFETs are forced into diode mode. At power-up, when the voltage on VRECT is
below the UVLO threshold, the rectifier works by using the MOSFET body diodes to rectify incoming AC voltage
to DC voltage. The BST capacitors are used to provide power to drive the gates of the high-side NMOS switches
in full-synchronous operating mode.
3.6.1.
VRECT Voltage Range
Once VRECT powers up to greater than UVLO, the full-bridge rectifier switches to half-synchronous or full-
synchronous mode (based on the loading conditions) to efficiently transfer energy from the transmitter to the
load on CPOUT. The control loop of the P9412 maintains the rectifier voltage between 5V and 21.5V, depending
on the output current (IOUT) and the programmed output voltage. VRECT must not be directly loaded.
3.6.2.
Over-Voltage Protection
In the event that the
VRECT voltage increases above the OVP voltage threshold, the P9412 sends an interrupt
to the system applications processor (AP), initiates internal self-clamping (PCLAMP), external PCLAMP_DR
clamping, and sends control error packets/frequency increment commands to the transmitter in an attempt to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com