Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P9412 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button P9412 Datasheet HTML 13Page - Renesas Technology Corp P9412 Datasheet HTML 14Page - Renesas Technology Corp P9412 Datasheet HTML 15Page - Renesas Technology Corp P9412 Datasheet HTML 16Page - Renesas Technology Corp P9412 Datasheet HTML 17Page - Renesas Technology Corp P9412 Datasheet HTML 18Page - Renesas Technology Corp P9412 Datasheet HTML 19Page - Renesas Technology Corp P9412 Datasheet HTML 20Page - Renesas Technology Corp P9412 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 17
the efficiency of the main LDO linear regulator, and to notify the Tx of the current Rectified Power Packet for
Foreign Object Detection (FOD) to guarantee safe efficient power transfer. The P9412 is compatible with WPC
(latest specification) and can use compatible Rx or TRx coils. Each receiver coil type has a unique inductance
value. As such, a unique resonant capacitance (CS) may be needed to optimize performance when connected to
a given type of receiver coil.
3.13.3.
Advanced Foreign Object Detection (FOD) WPC MODE
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up.
Examples of parasitic metal objects are coins, keys, paperclips, etc. The amount of heating depends on the
amplitude and frequency of the magnetic field coupled, as well as on the characteristics of the object such as its
resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power loss, and
therefore a reduced power transfer efficiency. Moreover, if no appropriate measures are taken, the heating could
lead to unsafe situations if the objects reach high temperatures.
WPC power transmitters and receivers need to also compensate for the power loss due to parasitic metals
intentionally designed into the final product – i.e., metals that are neither part of the power transmitter, nor of the
power receiver, but which absorb power from magnetic field coupling during power transfer, such as Li-ion
batteries, metallic cases, etc.
The P9412 uses advanced FOD techniques to detect foreign objects placed on or near the transmitter base
station. The FOD algorithm includes values that are programmable through either the I2C interface or MTP bits.
Programmability is necessary so that the FOD settings can be optimized to match the power transfer
characteristics of each particular WPC system to include the power losses of the Tx and Rx coils, battery,
shielding, and case materials under no load to full load conditions. The values are based on the comparison of
the received power against a reference power curve so that any foreign object can be sensed when the received
power is different than the expected system power.
The P9412 FOD values need to be tuned prior to production for WPC compliance using final production
hardware and coils.
3.13.4.
Status/Interrupt Output
When the power transfer connection is established and stable, the VOUT MLDO is enabled. The /INT (GPOD3)
should be connected to the AP so that the P9412 can send interrupts to the AP and allow the AP to perform
status and interrupt command checks periodically during power transfer. Additional connections from the P9412
to the host AP are recommended as shown in the reference schematic (PDET, SW_Inhibit, and CPout_GD as
examples).
3.13.5.
WPC Modulation/Communication
The P9412 operates in WPC mode using a single LC tank Rx coil and requires AC modulation capacitor
connections for WPC communication. The LC tank should be tuned to achieve maximum efficiency (CMA, CMB,
CM1, CM2 connected to pins CMA, CMB COM1, COM2) in order to accomplish WPC modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com