Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MPCEC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
20
NXP Semiconductors
Electrical characteristics
3.1.2
Thermal resistance
3.1.2.1
15 x 15 mm FCPBGA package thermal characteristics
Table 11 displays the 15 x 15 mm FCPBGA package thermal resistance data.
3.1.3
Power architecture
The power architecture of the chip is defined based on the assumption that lowest-cost system are
constructed for case where the PMIC is always used to supply all the power rails to the processor.
The digital logic inside chip will be supplied with two supplies: VDD_ARM and VDD_SOC.
VDD_ARM is for the Cortex®-A53 platform.
VDD_SOC is for the rest of the modules in SoC.
The VDD_SOC can be nominal or overdrive voltage, the VDD_ARM can be nominal, overdrive or
super-overdrive. To support system with VDD_ARM at super-overdrive voltage, it is recommended to use
two external DCDC or DC-DC supplies, first one for VDD_ARM and the second one for VDD_SOC.
However, for cost-optimized solutions, the two supplies can be tied together in customer systems.
VDD_ARM can support DVFS for SoCs that choose to enable it. VDD_SOC does not support fast
on-the-fly DVFS, but can support mode-based dynamic voltage for SoCs that choose to enable it.
The GPIO pads will have external power supply for 3.3 V and 1.8 V IO voltage. The IO pad core voltage
will be supplied directly by VDD_SOC. For 3.3 V IO pad, its 3.3 V IO supply (NVCC) and 1.8 V
pre-driver supply (PVCC_1P8) should be always meet NVCC - PVCC < 2 V requirement during power
up and power down. For 1.8 V IO pad, its 1.8 V PVCC can be shorted together with NVCC.
The DRAM controller and PHY have four external power supplies: VDD_SOC supplies controller and
PHY digital logic, VDD_DRAM_PLL_1P8 / VDD_DRAM_PLL_0P8 for PHY analog circuit, and
NVCC_DRAM for IO.
For all the integrated analog modules, their 1.8 V analog power and 0.85 V/0.95 V digital power will be
supplied externally through power pads. These supplies are separated with other power pads on the
Table 11. 15 x 15 mm FCPBGA thermal resistance data
Rating1
1 The ratings were generated using a non-uniformly powered die.
Board Type2
2 Thermal test board meets JEDEC specification for this package (JESD51-9). PCB has no thermal vias under the package.
Symbol
Value
Unit
Junction to Ambient Thermal Resistance3
3 Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
JESD51-9, 2s2p
RJA
21.1
oC/W
Junction-to-Top of Package
Thermal Characterization parameter3
JESD51-9, 2s2p
JT
0.98
oC/W
Junction to Case Thermal Resistance4
4 Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature refers t the package top
side surface.
JESD51-9, 1s
RJC
0.24
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com