Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MPCEC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 6Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
10
NXP Semiconductors
Modules list
DDRC
Double Data Rate Controller
The DDR Controller has the following features:
• Supports 32-bit LPDDR4-4000 and DDR4-3200
• Supports up to 8 Gbyte DDR memory space
eCSPI1
eCSPI2
eCSPI3
Configurable SPI
Full-duplex enhanced Synchronous Serial Interface, with data rate
up to 52 Mbit/s. Configurable to support Master/Slave modes.
eDMA
Enhanced Direct Memory
Access
• There is one enhanced DMAs (eDMA).
• The eDMA is a 32-channel DMA engine
• It is provided specifically for copying between memory and
memory (most likely such as between two of DRAM, OCRAM_A,
and Audio DSPs TCM).
• It separates the 32 channels into separate 64 KByte regions in the
system memory map for virtualization and partitioning purpose.
• There are no DMA requests connected to eDMA from any
peripheral. It is generally controlled by the Audio DSP (or
potentially the Cortex-A53 or Cortex_M7).
ENET
Ethernet Controller
The Ethernet Media Access Controller (MAC) is designed to support
10/100/1000 Mbps Ethernet/IEEE 802.3 networks. An external
transceiver interface and transceiver function are required to
complete the interface to the media. The module has dedicated
hardware to support the IEEE 1588 standard. See the ENET chapter
of the
i.MX 8M Plus Applications Processor Reference Manual
(IMX8MPRM) for details.
ENET_QOS
Ethernet QoS Controller
The ENET_QOS is compliant with the IEEE 802.3–2015
specification and can be used in applications, such as AV bridges,
AV nodes, switches, data center bridges and nodes, and network
interface cards. It enables a host to transmit and receive data over
Ethernet in compliance with the IEEE802.3–2015.
A separate 1 Gbit Ethernet QoS with TSN supports the same
features as ENET and also following features:
• 802.1Qbv Enhancements to Scheduling Traffic
• 802.1Qbu Frame preemption
• Time Based Scheduling
FlexCAN1
FlexCAN2
Flexible Controller Area
Network
Communication controller implementing the CAN with Flexible Data
rate (CAN FD) protocol and the CAN protocol according to the CAN
2.0B protocol specification.
FlexSPI
FlexSPI
The FlexSPI module acts as an interface to external serial flash
devices. This module contains the following features:
• Flexible sequence engine to support various flash vendor devices
• Single pad/Dual pad/Quad pad mode of operation
• Single Data Rate/Double Data Rate mode of operation
• Parallel Flash mode
• DMA support
• Memory mapped read access to connected flash devices
• Multi master access with priority and flexible and configurable
buffer for each master
GIC
Generic Interrupt Controller
The GIC handles all interrupts from the various subsystems and is
ready for virtualization.
Table 4. i.MX 8M Plus modules list (continued)
Block mnemonic
Block name
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com