Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MPCEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
32
NXP Semiconductors
Electrical characteristics
3.1.8
Power modes
The i.MX 8M Plus supports the following power modes:
•
RUN Mode: All external power rails are on, CPU is active and running; other internal modules can
be on/off based on application.
•
IDLE Mode: When there is no thread running and all high-speed devices are not active, the CPU
can automatically enter this mode. The CPU can be in the power-gated state but with L2 data
retained, DRAM and the bus clock are reduced. Most of the internal logic is clock gated but still
remains powered. The M7 core can remain running. Compared with RUN mode, all the external
power rails from the PMIC remain the same, and most of the modules still remain in their state.
NVCC_<XXX>
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock
rate (F).
In this equation, Imax is in Amps, C in Farads, V in
Volts, and F in Hertz.
NVCC_DRAM
1 See Table 20, "Group name"
Table 20. Group name
Misc_0P8
VDD_ANA1_0P8
VDD_ARM_PLL_0P8
VDD_DRAM_0P8
VDD_HDMI_0P8
VDD_MIPI_0P8
VDD_PCI_0P8
VDD_SAI_PLL_0P8
VDD_USB_0P8
Misc_1P8
VDD_24M_XTAL_1P8
VDD_ANA0_1P8
VDD_ANA1_1P8
VDD_ANA2_1P8
VDD_ARM_PLL_1P8
VDD_AVPLL_1P8
VDD_DRAM_PLL_1P8
VDD_EARC_1P8
VDD_HDMI_1P8
VDD_LVDS_1P8
VDD_MIPI_1P8
VDD_PCI_1P8
VDD_SAI_PLL_1P8
VDD_USB_1P8
Table 19. Estimated power supply maximum currents (continued) (Sheet 2 of 2)
Power rail
Max current
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com