Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MPCEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
Modules list
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
13
SDMA
Smart Direct Memory Access
The SDMA is a multichannel flexible DMA engine. It helps in
maximizing system performance by offloading the various cores in
dynamic data routing. It has the following features:
• Powered by a 16-bit Instruction-Set micro-RISC engine
• Multi channel DMA supporting up to 32 time-division multiplexed
DMA channels
• 48 events with total flexibility to trigger any combination of
channels
• Memory accesses including linear, FIFO, and 2D addressing
• Shared peripherals between Arm and SDMA
• Very fast Context-Switching with 2-level priority based preemptive
multi tasking
• DMA units with auto-flush and prefetch capability
• Flexible address management for DMA transfers (increment,
decrement, and no address changes on source and destination
address)
• DMA ports can handle unidirectional and bidirectional flows (Copy
mode)
• Up to 8-word buffer for configurable burst transfers for EMIv2.5
• Support of byte-swapping and CRC calculations
• Library of Scripts and API is available
SJC
Secure JTAG Controller
The SJC provides JTAG interface (designed to be compatible with
JTAG TAP standards) to internal logic. The i.MX 8M Plus family of
processors uses JTAG port for production, testing, and system
debugging. Additionally, the SJC provides BSR (Boundary Scan
Register) standard support, designed to be compatible with IEEE
1149.1 and IEEE 1149.6 standards.
The JTAG port must be accessible during platform initial laboratory
bring-up, for manufacturing tests and troubleshooting, as well as for
software debugging by authorized entities. The i.MX 8M Plus SJC
incorporates three security modes for protecting against
unauthorized accesses. Modes are selected through eFUSE
configuration.
SNVS
Secure Non-Volatile Storage
Secure Non-Volatile Storage, including Secure Real Time Clock,
Security State Machine, Master Key Control, and Violation Detection
and reporting.
SPDIF1
Sony Philips Digital
Interconnect Format
A standard audio file transfer format, developed jointly by the Sony
and Phillips corporations. It supports Transmitter and Receiver
functionality.
System Bus (NoC)
Network-on-Chip
The module is used as central inter-connect fabric, which runs at
approximately 1/4 of the DRAM data rate, and links the bus master
to DRAM controller for high-throughput DRAM access.
Multiple additional NoCs as the high-performance inter-connect bus
fabric for high-speed initiators.
TEMPSENSOR
Temperature Sensor
Temperature sensor
TZASC
Trust-Zone Address Space
Controller
The TZASC (TZC-380 by Arm) provides security address region
control functions required for intended application. It is used on the
path to the DRAM controller.
Table 4. i.MX 8M Plus modules list (continued)
Block mnemonic
Block name
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com