Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX8MPCEC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 9Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
12
NXP Semiconductors
Modules list
OCOTP_CTRL
OTP Controller
The On-Chip OTP controller (OCOTP_CTRL) provides an interface
for reading, programming, and/or overriding identification and control
information stored in on-chip fuse elements. The module supports
electrically programmable poly fuses (eFUSEs). The OCOTP_CTRL
also provides a set of volatile software-accessible signals that can be
used for software control of hardware elements, not requiring non
volatility. The OCOTP_CTRL provides the primary user-visible
mechanism for interfacing with on-chip fuse elements. Among the
uses for the fuses are unique chip identifiers, mask revision
numbers, cryptographic keys, JTAG secure mode, boot
characteristics, and various control signals requiring permanent non
volatility.
OCRAM
On-Chip Memory controller
The On-Chip Memory controller (OCRAM) module is designed as an
interface between the system’s AXI bus and the internal (on-chip)
SRAM memory module.
In i.MX 8M Plus processors, the OCRAM is used for controlling the
868KB multimedia RAM through AXI bus.
PCIe
PCI Express 3.0
The PCIe IP provides PCI Express Gen 3 functionality.
PMU
Power Management Unit
Integrated power management unit. Used to provide power to
various SoC domains.
PWM1
PWM2
PWM3
PWM4
Pulse Width Modulation
The pulse-width modulator (PWM) has a 16-bit counter and is
optimized to generate sound from stored sample audio images. It
can also generate tones. It uses 16-bit resolution and a 4x16 data
FIFO to generate sound.
SAI1
SAI2
SAI3
SAI5
SAI6
SAI7
Synchronous Audio Interface
The SAI module provides a synchronous audio interface (SAI) that
supports full duplex serial interfaces with frame synchronization,
such as I2S, AC97, TDM, and codec/DSP interfaces.
Table 4. i.MX 8M Plus modules list (continued)
Block mnemonic
Block name
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com