Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC08KL8GRS/D Datasheet(PDF) 113 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 113 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 109Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 110Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 111Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 112Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 113Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 114Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 115Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 116Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 256 page
background image
Universal Serial Bus Module (USB)
Overview
MC68HC08KL8 — Rev. 2.0
General Release Specification
Universal Serial Bus Module (USB)
9.3.1.6 End-of-Packet (EOP)
The single-ended 0 (SE0) state is used to signal an end-of-packet
(EOP). The single-ended 0 state is indicated by both D+ and D– being
below 0.8 V. EOP will be signaled by driving D+ and D– to the single-
ended 0 state for two bit times followed by driving the lines to the idle
state for one bit time. The transition from the single-ended 0 to the idle
state defines the end of the packet. The idle state is asserted for one bit
time and then both the D+ and D– output drivers are placed in their high-
impedance state. The bus termination resistors hold the bus in the idle
state. Figure 9-8 shows the data signaling and voltage levels for an end-
of-packet transaction.
Figure 9-8. EOP Transaction Voltage Levels
The width of the SE0 in the EOP is about two bit times. The EOP width
is measured with the same capacitive load used for maximum rise and
fall times and is measured at the same level as the differential signal
crossover points of the data lines.
Figure 9-9. EOP Width Timing
VOH (MIN)
VSE (MAX)
VSE (MIN)
VOL (MAX)
VSS
BUS DRIVEN TO
LAST BIT OF
BUS IDLE
EOP
STROBE
PACKET
IDLE STATE
BUS FLOATS
EOP
WIDTH
tPeriod
DIFFERENTIAL
DATA LINES
DATA
CROSSOVER
LEVEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com