Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC08KL8GRS/D Datasheet(PDF) 115 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 111Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 112Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 113Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 114Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 115Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 116Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 117Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 118Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 256 page
background image
Universal Serial Bus Module (USB)
Overview
MC68HC08KL8 — Rev. 2.0
General Release Specification
Universal Serial Bus Module (USB)
9.3.3 Suspend
The MC68HC08KL8 supports suspend mode for low power. Suspend
mode should be entered when the USB data lines are in the idle state for
more than 3.0 ms. Entry into suspend mode is controlled by the
SUSPND bit in the USB interrupt register. Any low-speed bus activity
should keep the device out of the suspend state. Low-speed devices are
kept awake by periodic low-speed EOP signals from the host. This is
referred to as low speed keep alive (refer to Section 11.2.5.1 of the
Universal Serial Bus Specification Rev. 1.0).
Firmware should monitor the EOPF flag and enter suspend mode by
setting the SUSPND bit if an EOP is not detected for 3 ms.
Per the USB specification, the MC68HC08KL8 is required to draw less
than 500
µA from the V
DD supply when it is in the suspend state. This
includes the current supplied by the voltage regulator to the 15 k
Ω to
ground termination resistors placed at the host end of the USB bus. This
low-current requirement means that firmware is responsible for entering
stop mode once the USB module has been placed in the suspend state.
9.3.4 Resume After Suspend
The MC68HC08KL8 can be activated from the suspend state by normal
bus activity, a USB reset signal, or by a forced resume driven from the
MC68HC08KL8.
9.3.4.1 Host Initiated Resume
The host signals resume by initiating resume signalling (K state) for at
least 20 ms followed by a standard low-speed EOP signal. This 20 ms
ensures that all devices in the USB network are awakened.
After resuming the bus, the host must begin sending bus traffic within 3
ms to prevent the device from re-entering suspend mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com