Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC08KL8GRS/D Datasheet(PDF) 116 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 112Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 113Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 114Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 115Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 116Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 117Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 118Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 119Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 256 page
background image
Universal Serial Bus Module (USB)
General Release Specification
MC68HC08KL8 — Rev. 2.0
Universal Serial Bus Module (USB)
9.3.4.2 USB Reset Signalling
Reset can wake a device from the suspended mode. A device may take
up to 10 ms to wake up from the suspended state.
9.3.4.3 Remote Wakeup
The MC68HC08KL8 also supports the remote wakeup feature. The
firmware has the ability to exit suspend mode by signaling a resume
state to the upstream host or hub. A non-idle state (K state) on the USB
data lines is accomplished by asserting the FRESUM bit in the UCR1
register.
When using the remote wakeup capability, the firmware must wait for at
least 5 ms after the bus is in the idle state before sending the remote
wakeup resume signaling. This allows the upstream devices to get into
their suspend state and prepare for propagating resume signaling. The
FRESUM bit should be asserted to cause the resume state on the USB
data lines for at least 10 ms, but not more than 15 ms. Note that the
resume signalling is controlled by the FRESUM bit and meeting the
timing specifications is dependent on the firmware. When FRESUM is
cleared by firmware, the data lines will return to their high-impedance
state. Refer to the register definitions (see 9.6.5 USB Control Register
1) for more information about how the force resume (FRESUM) bit can
be used to initiate the remote wakeup feature.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com