Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 47Page - STMicroelectronics ST25R3916B Datasheet HTML 48Page - STMicroelectronics ST25R3916B Datasheet HTML 49Page - STMicroelectronics ST25R3916B Datasheet HTML 50Page - STMicroelectronics ST25R3916B Datasheet HTML 51Page - STMicroelectronics ST25R3916B Datasheet HTML 52Page - STMicroelectronics ST25R3916B Datasheet HTML 53Page - STMicroelectronics ST25R3916B Datasheet HTML 54Page - STMicroelectronics ST25R3916B Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 165 page
background image
DS13541 Rev 7
51/165
ST25R3916B ST25R3917B
Application information
164
4.3.2
Communication interface selection
The active communication interface is selected via the I2C_EN pin. If this pin is pulled to
GND, the ST25R3916B and ST25R3917B operate in SPI mode. If this pin is pulled to
VDD_D, the ST25R3916B and ST25R3917B operate in I2C mode.
4.3.3
Serial peripheral interface (SPI)
The ST25R3916B and ST25R3917B have a standard serial peripheral interface with clock
polarity of 0, a clock phase of 1, and an active low slave select signal. Communication starts
with the MCU pulling BSS low. The MOSI pin is samples on the falling edge of SCLK, and
the state of the MISO pin is updated on the rising edge of the SCLK signal. Data is
transferred byte-wise, most significant bit first. Read and Write commands support an
address auto increment to reduce communication time. Table 11 provides an overview of
the SPI signals.
The MISO output is in tristate as long as no output data is available. Due to this the MOSI
and the MISO can be externally shorted to create a three-wire SPI. During the time the
MISO output is in tristate, it is also possible to switch on a 10 kΩ pull down by activating
option bits miso_pd1 and miso_pd2 in the IO configuration register 2.
Table 11. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to GND for SPI operation
BSS
Digital input
Active low - Slave select
MOSI
Digital input
Master out - Slave in (MCU → ST25R3916B
and ST25R3917B)
MISO
Digital output with tristate
Master in - Slave out (ST25R3916B and
ST25R3917B → MCU)
SCLK
Digital input
Serial clock
IRQ
Digital output
Active high - Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com