Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 48Page - STMicroelectronics ST25R3916B Datasheet HTML 49Page - STMicroelectronics ST25R3916B Datasheet HTML 50Page - STMicroelectronics ST25R3916B Datasheet HTML 51Page - STMicroelectronics ST25R3916B Datasheet HTML 52Page - STMicroelectronics ST25R3916B Datasheet HTML 53Page - STMicroelectronics ST25R3916B Datasheet HTML 54Page - STMicroelectronics ST25R3916B Datasheet HTML 55Page - STMicroelectronics ST25R3916B Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 165 page
background image
Application information
ST25R3916B ST25R3917B
52/165
DS13541 Rev 7
Figure 14. Exchange of signals with a microcontroller
The first two bits of the first byte transmitted after the BSS high to low transition define the
SPI operation mode. All Read and Write modes support address auto incrementing, which
means that if, after the address and first data byte some additional data bytes are sent (or
read), they are written to (or read from) addresses incremented by 1.
Table 12 shows available SPI operation modes. Register read and write operations are
possible in all ST25R3916B and ST25R3917B operation modes. FIFO and PT_memory
operations are possible in case en (bit 7 of the Operation control register) is set and the
crystal oscillator is stable.
Some direct commands are accepted in all operation modes, others require en (bit 7 of the
Operation control register) to be set and the crystal oscillator to be stable (see Table 14).
MS51643V2
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU
Table 12. SPI operation modes
Mode
Pattern (communication bits)
Related data
Mode
Trailer
M1 M0 C5 C4 C3 C2 C1 C0
Register write
0
0
A5
A4
A3
A2
A1
A0 Data byte (or more bytes in case of
auto-incrementing).
Register read
0
1
A5
A4
A3
A2
A1
A0
FIFO load
10000
000
One or more bytes of FIFO data.
PT_memory load
A-config
10100
000
Passive target memory, locations from 0 on.
PT_memory load
F-config
10101
000
Passive target memory, locations from 15 on.
PT_memory load
TSN data
10101
100
Passive target memory, locations from 36 on.
The additional address allows reload of the
TSN random numbers without rewriting the
whole PT_memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com