Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 78Page - STMicroelectronics ST25R3916B Datasheet HTML 79Page - STMicroelectronics ST25R3916B Datasheet HTML 80Page - STMicroelectronics ST25R3916B Datasheet HTML 81Page - STMicroelectronics ST25R3916B Datasheet HTML 82Page - STMicroelectronics ST25R3916B Datasheet HTML 83Page - STMicroelectronics ST25R3916B Datasheet HTML 84Page - STMicroelectronics ST25R3916B Datasheet HTML 85Page - STMicroelectronics ST25R3916B Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 165 page
background image
Application information
ST25R3916B ST25R3917B
82/165
DS13541 Rev 7
4.5.9
NFCIP-1 passive target definition register
Register space: A
Address: 08h
Type: RW
Table 33. NFCIP-1 passive target definition register
Bit
Name
Default
Function
Comments
7
fdel3
0
PCD to PICC FDT compensation.
Frame compensation defined as
fdel<3:0>*1 / fc
Valid for NFC-A CE mode
– fdel = 0: Nominal FDT time in produced in
logic.
– fdel > 0: Shortens the FDT provided by logic.
Due to signal processing delays fdel<3:0> = 2
is expected to be a good setting (best value
dependents also on filter and antenna).
6
fdel2
0
5
fdel1
0
4
fdel0
0
3
d_ac_ap2p
0
0: Enable AP2P frame recognition
1: Disable AP2P frame recognition
-
2
d_212/424_1r
0
0: Enable automatic SENSF_RES
1: Disable automatic SENSF_RES
Disables the automatic responses in passive
target mode, and completely operates via
FIFO.
1
RFU
0
RFU
0
d_106_ac_a
0
0: Enable automatic anti-collision
in NFC-A
1: Disable automatic anti-collision
in NFC-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com