Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 60Page - STMicroelectronics ST25R3916B Datasheet HTML 61Page - STMicroelectronics ST25R3916B Datasheet HTML 62Page - STMicroelectronics ST25R3916B Datasheet HTML 63Page - STMicroelectronics ST25R3916B Datasheet HTML 64Page - STMicroelectronics ST25R3916B Datasheet HTML 65Page - STMicroelectronics ST25R3916B Datasheet HTML 66Page - STMicroelectronics ST25R3916B Datasheet HTML 67Page - STMicroelectronics ST25R3916B Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 165 page
background image
Application information
ST25R3916B ST25R3917B
64/165
DS13541 Rev 7
The direct commands Transmit REQA and Transmit WUPA automatically disable the CRC
check of the response frame. The CRC check is enabled again after any of the below
conditions:
•
Transmit with CRC direct command
•
Mask receive data direct command
•
No Response timer expires
If the direct command Transmit without CRC is used in Felica™ mode the Length and CRC
bytes are skipped. After the preamble and Sync bytes the raw FIFO content is transmitted.
A transmit length nbtx<2:0> ≥1 must be used.
4.4.5
NFC field ON commands
The NFC field ON direct commands are used to perform RF Collision Avoidance. The
external field detector must be enabled for these commands to work correctly.
Note:
It is recommended that bits en_fd_c<1:0> of the operation control register are set to 01b in
Reader mode. In the NFCIP-1 active communication (AP2P), the bits en_fd must be set to
11b to enable an external field detector automatically. So that the external field detector
automatically exchanges its threshold between collision avoidance and peer detection level,
as needed, during operation. Collision avoidance and peer detection levels must be tuned
(in accordance with environmental temperature) to ensure good working conditions. In
AP2P mode, a minimum collision avoidance and peer detection activation threshold of
205 mVPP is recommended for bits rfe_t<3:0> and trg_l<3:0> of the external field detector
activation threshold register.
To determine whether an external field is present the ST25R3916B and ST25R3917B
compares the RF voltage level on the RFI1 pin with the collision avoidance threshold
defined in the External field detector activation threshold register.
If no external field is detected, then the ST25R3916B and ST25R3917B transmitter is
switched on automatically (bit tx_en in the Operation control register is set) and an I_apon
IRQ is signaled. After the RF guard time defined in the NFC field on guard timer register has
passed an I_cat IRQ is signaled. At this point the controller can initiate a data transmission
using a transmit command.
If an external field is detected a I_cac IRQ is signaled, and the ST25R3916B and
ST25R3917B transmitter stays off.
The direct command NFC initial field ON performs an Initial collision avoidance according to
NFCIP-1 standard, and the direct command NFC response field ON performs a Response
collision avoidance according to NFCIP-1 standard. See Figure 30, Figure 31 and Table 15
for details on the timing of these commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com