Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 89Page - STMicroelectronics ST25R3916B Datasheet HTML 90Page - STMicroelectronics ST25R3916B Datasheet HTML 91Page - STMicroelectronics ST25R3916B Datasheet HTML 92Page - STMicroelectronics ST25R3916B Datasheet HTML 93Page - STMicroelectronics ST25R3916B Datasheet HTML 94Page - STMicroelectronics ST25R3916B Datasheet HTML 95Page - STMicroelectronics ST25R3916B Datasheet HTML 96Page - STMicroelectronics ST25R3916B Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 165 page
background image
DS13541 Rev 7
93/165
ST25R3916B ST25R3917B
Application information
164
4.5.21
Mask receive timer register
Register space: A
Address: 0Fh
Type: RW
Table 48. Mask receive timer register
Bit
Name
Default
Function
Comments
7
mrt7
0
mrt_step = 0:
Step: 64 / fc (4.72 μs)
Range: 256 / fc (~18.88 μs) to
16320 / fc (~1.2 ms)
mrt_step = 1:
Step: 512 / fc (37.78 μs)
Range: 2048 / fc (151 μs) to
130560 / fc (9.62 ms)
Set time after end of TX during which the
receiver output is ignored (masked).
The minimum mask receive time of 18.88 μs
covers the transients in receiver after end of
transmission.
6
mrt6
0
5
mrt5
0
4
mrt4
0
3
mrt3
1
2
mrt2
0
1
mrt1
0
0
mrt0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com