Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 21Page - STMicroelectronics ST25R3916B Datasheet HTML 22Page - STMicroelectronics ST25R3916B Datasheet HTML 23Page - STMicroelectronics ST25R3916B Datasheet HTML 24Page - STMicroelectronics ST25R3916B Datasheet HTML 25Page - STMicroelectronics ST25R3916B Datasheet HTML 26Page - STMicroelectronics ST25R3916B Datasheet HTML 27Page - STMicroelectronics ST25R3916B Datasheet HTML 28Page - STMicroelectronics ST25R3916B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 165 page
background image
DS13541 Rev 7
25/165
ST25R3916B ST25R3917B
Application information
164
The driver load modulation is selected by bit lm_dri and the external MOS modulation is
selected by lm_ext option bits.
Normally, the internal driver or the external load modulation should be used exclusively, but
the device also allows simultaneous modulation.
The driver load modulation is based on the change of driver impedance. Typically, a high
impedance during non-modulated state and a lower impedance for the modulated state is
used. This yields modulation phase equal to passive tag modulation. It is also possible to
reverse the polarity of the driver load modulation by using low impedance during
non-modulated state and higher impedance for the modulated state.
During the non-modulated state the output impedance is defined by pt_res3:0 option bits.
During modulation the output impedance is defined by ptm_res3:0 option bits.
Load modulation through an external MOS transistor and a diode is selected by the lm_ext
option bit. In this case the EXT_LM pin is driven by the digital representation of the load
modulation signal (848 kHz subcarrier or 424 / 212 kHz modulation signal). The EXT_LM is
used to drive a gate of the external modulation MOS. The bit lm_ext_pol sets inverse
polarity for the external load modulation.
The pt_res3:0 and ptm_res3:0 bits must be set prior entering passive target mode (reg 03h),
because in passive target mode the resistance value propagates through the TX driver only
when the extracted clock is available.
Driver load modulation is based on change of the driver impedance. Typically high
impedance is used during non-modulated state, and decreased for modulated state,
resulting in modulation phase equal to Passive tag modulation.
It is also possible to set inverse polarity driver load modulation by using low impedance
during non-modulated state and higher impedance for the modulated state.
During non-modulated / modulated state the output impedance is defined, respectively, by
pt_res3:0 / ptm_res3:0 option bits.
An external MOS transistor and a diode modulation is selected by lm_ext option bit. In this
case the EXT_LM pin is driven by digital representation of the load modulation signal
(848 kHz subcarrier or 424 / 212 kHz modulation signal). The EXT_LM is used to drive a
gate of the external modulation MOS.
Bit lm_ext_pol sets inverse polarity for the External load modulation.
Bits pt_res<3:0> and ptm_res<3:0> must be set before entering Passive target mode (reg
03h), as in Passive target mode the resistance value propagates through the TX driver only
when extracted clock is available (during PT data transmission, including FDT).
4.2.2
Receiver
The receiver performs demodulation of the tag subcarrier modulation that is superimposed
on the 13.56 MHz carrier frequency. It performs AM/PM or I/Q demodulation, amplification,
band-pass filtering and digitalization of subcarrier signals. It also performs RSSI
measurement, automatic gain control (AGC) and Squelch function.
The reception chain has two separate channels for AM and PM demodulation. When both
channels are active the selection for reception framing is done automatically by the receiver
logic. The receiver is switched on when Operation control register bit rx_en is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com