| Electronic Components Datasheet Search |
|
ST25R3916B Datasheet(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3916B Datasheet(HTML) 63 Page - STMicroelectronics |
|
63 / 165 page ![]() DS13541 Rev 7 63/165 ST25R3916B ST25R3917B Application information 164 4.4.2 Stop all activities This direct command stops any ongoing activities: • performs Clear FIFO command • stops data transmission and reception • stops all timers, including FDT timer • clears IRQ line an IRQ status bits • stops Field ON commands If Stop All Activities is received during RF collision avoidance the field detection is terminated and field is not set, consequently no interrupts are sent • stops automatic field ON (same as above) • stops automatic field OFF If Stop All Activities is received during waiting for automatic field off via GPT, the field remains on • nfc_ar is set to 01b, then it clears the awareness that there was a previous reception • stops Temporary Enable This command does not update any register apart from the FIFO status registers. Therefore it does not disable the field detector in CE mode (if it was enabled), and it does not switch off the field (if it was enabled). 4.4.3 Clear FIFO This direct command clears the FIFO and the FIFO status registers. It does not clear the IRQ line or IRQ status bits. To prepare a transmission send this command first before writing data into the FIFO. If a Clear FIFO command is sent during an ongoing data transmission, then the data transmission is aborted and FIFO and FIFO status registers are cleared. 4.4.4 Transmit commands The transmit direct commands are used to start a data transmission from the ST25R3916B and ST25R3917B. They switch the device to reception mode after the transmission is completed. Before sending commands Transmit with CRC and Transmit without CRC, direct command Clear FIFO has to be sent, followed by the definition of the number of transmitted bytes and writing data to be transmitted in FIFO. Use the direct commands Transmit REQA and Transmit WUPA to transmit ISO14443A short frame commands REQA and WUPA respectively. It is not necessary to send the direct command Clear FIFO before these two commands. If the antcl bit is set, then the number of valid bits in the last byte must be set to 0 (nbtx<2:0> in the Number of transmitted bytes register 2) prior to the direct command Transmit REQA or Transmit WUPA. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |