Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 87Page - STMicroelectronics ST25R3916B Datasheet HTML 88Page - STMicroelectronics ST25R3916B Datasheet HTML 89Page - STMicroelectronics ST25R3916B Datasheet HTML 90Page - STMicroelectronics ST25R3916B Datasheet HTML 91Page - STMicroelectronics ST25R3916B Datasheet HTML 92Page - STMicroelectronics ST25R3916B Datasheet HTML 93Page - STMicroelectronics ST25R3916B Datasheet HTML 94Page - STMicroelectronics ST25R3916B Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 165 page
background image
DS13541 Rev 7
91/165
ST25R3916B ST25R3917B
Application information
164
4.5.19
Correlator configuration register 1
Register space: B
Address: 0Ch
Type: RW
Table 46. Correlator configuration register 1
Bit
Name
Default
Function
Comments
7
corr_s7
1
AGC = max |AM, PM|
1: Links the two AGC systems so that the
gain in the AM(I) and PM(Q) channels are
equal. To be used in summation mode.
0: The AM(I) and PM(Q) AGC channels are
independent. To be used in non-summation
mode.
6
corr_s6
0
ISO-A
106k
0: Collision detection level defined by
corr_s<1:0>
1: Collision detection level equal to
data slicer level
Selecting the collision detection level with
corr_s<1:0> gives better detection of weak
collisions. Setting the collision detection
level equal to the data slicer gives better
noise immunity.
BPSK
(1)
0: Correlator phase correction applied
during the complete reception
1: No correlator phase correction after
the first data bytes
No phase correction after start
recommended for ISO-B 424 kb/s and
848 kb/s operation.
5
corr_s5
0
0: Vref -50 mV setting,
1st squelch step -100 mV
1: Vref -100 mV setting,
1st squelch step -200 mV
-
4
corr_s4
1
0: AM and PM correlation signals digitized
separately
1: AM and PM correlation signals summed
before digitizing (summation mode)
Summation mode is recommended for all
correlator operations
3
corr_s3
0
0: RX bit rate 106kb/s = 17, RX bit rates 212
to 848 kb/s = 9
1: RX bit rate 106kb/s = 33, RX bit rates 212
to 848 kb/s = 17
BPSK start length setting (delay from the
start of a tags subcarrier signal to the
moment when a subcarrier start is
detected). Then circuit starts observing for
the first phase transition (9/17/33 ± 2 pilot
pulses). At this moment the sst<4:0> check
for TR0 is done.
2
corr_s2
0
ISO-A
106k
0: Normal data slicer
1: Fast data slicer
-
BPSK
(1)
0: Normal ref. time constant
1: Long ref. time const. (1.5x normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com