Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25R3916B Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 19Page - STMicroelectronics ST25R3916B Datasheet HTML 20Page - STMicroelectronics ST25R3916B Datasheet HTML 21Page - STMicroelectronics ST25R3916B Datasheet HTML 22Page - STMicroelectronics ST25R3916B Datasheet HTML 23Page - STMicroelectronics ST25R3916B Datasheet HTML 24Page - STMicroelectronics ST25R3916B Datasheet HTML 25Page - STMicroelectronics ST25R3916B Datasheet HTML 26Page - STMicroelectronics ST25R3916B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 165 page
background image
DS13541 Rev 7
23/165
ST25R3916B ST25R3917B
Application information
164
4
Application information
4.1
Power-on sequence
Once powered, the device enters the Power-down mode where the content of all registers is
set to its default state.
The next steps are basic configurations of the IC:
1.
The IO configuration register 1 and IO configuration register 2 must be properly
configured.
2.
The internal voltage regulators have to be configured. It is recommended to use direct
command Adjust regulators to improve the system PSRR.
3.
If AAT is used the tuning procedure must be performed.
4.
After device power-on and direct command set default, release the direct command
Trigger RC calibration.
After the sequence of events mentioned above the devices are ready to operate.
4.2
Operating modes
The ST25R3916B and ST25R3917B operating mode is defined by the contents of the
Operation control register. At power-on all its bits are set to 0, the ST25R3916B and
ST25R3917B are in Power-down mode. In this mode, the AFE static power consumption is
minimized, as only the POR and part of the bias are active. The regulator itself is disabled.
The SPI/I2C is still functional in this mode and all required settings on the configuration
registers can be done. The PT_memory and FIFO are not accessible in this mode.
Bit en (bit 7 of the Operation control register) is controlling the quartz crystal oscillator,
regulators and AAT control output pins. When this bit is set, the device enters in Ready
mode and the quartz crystal oscillator and regulators are enabled. An interrupt is sent to
inform the microcontroller when the oscillator amplitude and frequency is stable. The
PT_memory and FIFO are accessible in this mode.
The enable of the receiver and the transmitter block are separated, it is possible to operate
one without switching on the other (control bits rx_en and tx_en). This feature is used when
the reader field has to be maintained while no response from a tag is expected. Another
example is NFCIP-1 active communication in receive mode configuration. The RF field is
generated by the initiator on one side while the other side is only in receive operation.
Asserting the Operation control register bit wu while the other bits are set to 0 puts the
ST25R3916B and ST25R3917B into the Wake-up mode that is used to perform low power
detection of card presence. In this mode the low power RC oscillator and register
configurable wake-up timer are used to schedule periodic measurement(s). When a
difference to the predefined reference is detected an interrupt is sent to wake-up the MCU.
Phase and amplitude measurement are available to trigger the wake-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com