Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
29 of 224
www.dialog-semiconductor.com
GPIO0P2_BATIDOUT:
Battery ID output to SoC for digital battery communication. Optional function multiplexed with low voltage
GPIO0P2
GPIO0P[7:3]:
Low voltage GPIOs with no alternate functions
9.1.33.2
High Voltage GPIOs
GPIO1P0_UIBTN_B:
The UIBTN_B pin is an input from a platform-defined functional interface button, such as the Home button. It
includes a 30ms de-
bouncer to ensure that spurious transitions aren‘t logged while the switch contacts bounce
on initial contact. The output of the de-bouncer enters the edge detect circuits.
GPIO1P[7:1]:
High voltage GPIOs with no alternate functions
Burst Control Unit
9.1.34
9.1.34.1
BCUDISA
Burst controller unit warning zone A. Output signal to disable peripherals (functions)
9.1.34.2
BCUDISB
Burst controller unit warning zone B. output signal to disable peripherals (functions)
9.1.34.3
BCUDISCRIT
Burst controller unit critical zone. Output signal to disable peripherals (functions)
PWM[2:0]
9.1.35
Pulse width modulated output control signals
DISPLAY
9.1.36
9.1.36.1
BACKLIGHT_EN
Output signal to control the display backlight
9.1.36.2
PANEL_EN
Output signal to enable the display
ADC
9.1.37
9.1.37.1
SYSTHERM[2:0]
System temperature thermistor input signal to be multiplexed to DA6021 ADC
9.1.37.2
BPTHERM[1:0]
Battery pack temperature input signal to be multiplexed to DA6021 ADC
9.1.37.3
BATID
Battery identification from the battery for battery presence detection and battery size indication
9.1.37.4
VBATSENSE
Battery voltage sense input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com