Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 92Page - Renesas Technology Corp DA6021 Datasheet HTML 93Page - Renesas Technology Corp DA6021 Datasheet HTML 94Page - Renesas Technology Corp DA6021 Datasheet HTML 95Page - Renesas Technology Corp DA6021 Datasheet HTML 96Page - Renesas Technology Corp DA6021 Datasheet HTML 97Page - Renesas Technology Corp DA6021 Datasheet HTML 98Page - Renesas Technology Corp DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
96 of 224
www.dialog-semiconductor.com
V1P8SX:
This power rail is used to source platform devices such as eMMC, camera, audio codecs … The maximum
allowed output current is defined to 240mA. DA6021 controls this power rail while deriving the information from
SoC SLP_S0ix_B signal and switching the rail internally. The typical RDSon of this internal switch is 100mΩ.
Description
Value [max, m
Ω]
Val
Input power path board resistance
10
-
Output power path board resistance
20
-
Input, output rails wirebond & internal FET RDS-ON
147
A,D,E
Table 52: V1P8S Power Switch Specification
Register Name
V1P8SX_CTRL
Address
0x5D
Page 1
Read/Write
Reset Value
0x02
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V1P8SX
_SEL
V1P8SX
_EN
V1P8SX_EN
0
1
V1P8SX off
V1P8SX on
V1P8SX_SEL
0
1
V1P8SX controlled by SLP_S0iX_B according to sequencing
V1P8SX controlled by V1P8SX_CTRL.V1P8SX_EN bit
Regardless of V1P8SX_EN and V1P8SX_SEL, V1P8SX is disabled
when SLP_S3_B is asserted, means low
V1PSX_CTRL.
SLP_S3_B
V1P8SX
V1P8SX_SEL
V1P8SX_EN
1
0
1
Off
1
1
1
On
X
X
0
Off
Table 53: V1P8SX Truth Table
V1P2A:
V1P2A is a LDO that is sourced by V1P8A and generates a voltage of 1.2V to supply USB HSIC
Symbol
Parameter
Min
Typ
Max
Unit
Notes/Condition
Val
Input requirement
Vin
Main input voltage
1.80
V
Supplied by V1P8A
-
Output requirement
Vnom
Nominal output
voltage
1.2
V
A
Vtol
Output voltage
tolerance
-2%
+2%
A
Cout
Output capacity
1
µF
-
Iout-DC
Output load current
1
30
mA
A
IQSC
Quiescent current
(operational)
10
µA
Iout-DC = 0mA
D,E
IQSC
Quiescent current
(sleep)
2
µA
Iout-DC = 0mA
D,E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com