Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 16Page - Renesas Technology Corp DA6021 Datasheet HTML 17Page - Renesas Technology Corp DA6021 Datasheet HTML 18Page - Renesas Technology Corp DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
20 of 224
www.dialog-semiconductor.com
Figure 3: Maximum Allowed Peak Power
VAL status
Description of Abbreviation
D
Parameter is guaranteed by design
E
Parameter is confirmed by silicon evaluation
Q
Parameter is verified by silicon qualification
A
Parameter is screened during final ATE test
A*
Parameter is screened during final ATE test by indirect
measurement or with a special test set-up
Table 3: Abbreviations of Validation Status
7. Ordering Information
The order number consists of the part number followed by a suffix indicating a.o. the packing method. For
details, please consult the Dialog customer portal on our web site or your local sales representative.
Part
Number
Package Name
Package description
Package Outline
DA6021
FCBGA
325 pin, FCBGA 11x6mm, 0.4mm pitch
Figure 76
Current OTP variant:
-08 (Intel approved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com