Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
32 of 224
www.dialog-semiconductor.com
SoC Power States
9.3
The following diagram depicts the DA6021 power states, related to the SoC and the platform rails.
Figure 6: SoC Power States
State description:
SOC_S4: or hibernate. This is the most power saving from all the standby states. Content is saved onto disk.
DA6021 runs only with low frequency oscillator. All *_A power rails are active and in low power pulse
skipping mode
SOC_S3: or standby: Content is saved in the RAM. It requires more power than SOC_S4, although still
considered a low power state. DA6021 has a low power oscillator and in addition all *_U power rails are
switched on, running in pulse skipping mode. Temperature monitoring is in-active as power consumption is
low and no temperature event is expected. Furthermore the ADC is still disabled, reducing the idle power.
SOC_SX: a power saving active standby mode with very fast recovery time. High frequency oscillator is
active as well as all *_S power domains. Temperature supervision is active, but ADC runs on reduced
speed.
SOC_S0: This represents the active state for the SoC where most of the rails are on. SoC executes the code
and software plus operating system decide on power up/down of the “on-demand” power rails.
Generally the OTP and optionally the external EEPROM are read out only once during first power-up. However,
it will be possible via OTP/software to configure the sequencer to go again through the OTP and/or EEPROM
between some of the standby states as indicated in the figure above.
SOC_S0 State
9.3.1
In the “SOC S0 State”, DA6021 completed the bring-up of the platform, and released the SOC from reset. In this
state, the DA6021 state machines may be modified and controlled by the SOC, through commands issued over
the I2C and SVID interfaces.
In this state, the tablet
will appear “on” to the user.
The events causing a transition out of the ‘SOC S0’ state are shown in the table below.
SOC_G3
(SPD)
SOC_S4
SOC_S3
SOC_S0
(Active)
SOC_SX
Time
OTP
EPROM
Optional
(OTP/EPROM variant)
*_A rails
*_U rails
*_S rails
*_SX rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com