Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 29Page - Renesas Technology Corp DA6021 Datasheet HTML 30Page - Renesas Technology Corp DA6021 Datasheet HTML 31Page - Renesas Technology Corp DA6021 Datasheet HTML 32Page - Renesas Technology Corp DA6021 Datasheet HTML 33Page - Renesas Technology Corp DA6021 Datasheet HTML 34Page - Renesas Technology Corp DA6021 Datasheet HTML 35Page - Renesas Technology Corp DA6021 Datasheet HTML 36Page - Renesas Technology Corp DA6021 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
33 of 224
www.dialog-semiconductor.com
Event Trigger
Conditions (all
mandatory)
Next state
Note
Input power Source removal and
Main Battery Removal/Depletion
VSYS < VMIN
VBATBKUP>VMIN
G3
DA6021 loses states, except
RTC powered registers
Restart with default values
except RTC powered registers
VSYS < VMIN
VBATBKUP<VMIN
DA6021 loses states, RTC
powered registers loses states
Re-start with default values
See event and conditions in Cold off Triggers
SOC_G3
See “Cold Off Triggers”
Power Button Held
Power Button held
time < PBCONFIG
.FCOT[3:0]
S0iX
DA6021 passes PWRBTN_B
information to SoC. SoC
toggles SLP_S0iX_B = 0 to
enter S0iX
Warm Reset
PLTRST_B=0
SOC_S0
Resets I2C and SVID
SLP_S0iX_B
SLP_S0iX_B=0
Or SLP_S3_B=0
Or SLP_S$_B =0
SOC_S0iX
Enter S0iX state
Table 8:SOC S0 State Transition
SOC S0iX State
9.3.2
The SOC supports three possible standby states: S0IX, S3, and S4. Each of these states represents a different
level of SOC standby, with S0IX being the “shallowest” (highest power) and S4 being the “deepest” (lowest
power). Each of these three sub-states has its own entry task list, required because of the different states of
power rails in each.
The entering and exiting of the SOC S0IX state is controlled by a signal which is delivered to DA6021 by the
SOC via a dedicated physical pin SLP_S0IX_B.
Rails that are on:
o
They are shown in the power sequencing diagrams
o
VRs shall be placed in PFM/power save mode
o
Internal PMIC rails
Interfaces available:
o
SVID is ON in S0IX
o
I2C is ON in S0IX
Input source comparators and interrupts active.
All registers powered, with states retained.
Thermal monitoring and VR current measurements are disabled by default. If enabled, the measurements
are taken at standby frequency.
The events causing a transition out of the ‘SOC S0IX’ state are shown in the table below.
Event Trigger
Conditions (all
mandatory)
Next state
Note
Input power Source removal and
Main Battery Removal/Depletion
VSYS < VMIN
VBATBKUP>VMIN
G3
DA6021 loses states, except
RTC powered registers
Restart with default values
except RTC powered registers
VSYS < VMIN
VBATBKUP<VMIN
DA6021 loses states, RTC
powered registers loses states
Re-start with default values
See event and conditions in Cold off Triggers
SOC_G3
See “Cold Off Triggers”
Power Button Held
Power Button held
time < PBCONFIG
S0iX
DA6021 passes PWRBTN_B
information to SoC. SoC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com