Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 19Page - Renesas Technology Corp DA6021 Datasheet HTML 20Page - Renesas Technology Corp DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
23 of 224
www.dialog-semiconductor.com
V2P85SX
1
V2P85SX
V2P85SX output voltage
OP
VSYSU
VSYSU_EN
1
VSYS
VSYSU input voltage
OP
VSYSU_FB
1
VSYSU
VSYSU output voltage
IP
VSYSS
VSYSS
1
VSYSS
VSYSS output voltage
OP
VSYS_SX
VSYS_SX_EN#
1
VSYS_SX
VSYS_SX enable signal
OD
VSYS_SX_FB
1
VSYS_SX
VSYS_SX sense signal
IA
V1P0S
V1P0SEN
1
V1P0A
V1P0S enable signal
OD
V1P0S_FB
1
V1P0A
V1P0S sense signal
IA
V1P0SX
V1P0SXEN
1
V1P0A
V1P0SX enable signal
OD
V1P0SX_FB
1
V1P0A
V1P0SX sense signal
IA
BG
VREF12
1
VREF12
Bandgap reference voltage
OP
IREF12
1
IREF12
Bandgap reference current
OP
VREF12_QUIET
1
VSS_QUIET
quiet ground connection
IP
VLP
VLP
1
VLP
VLP output voltage
OP
VLP_GND
1
VLP_GND
VLP ground
IP
VSYS1/2
VSYS
2
VSYS
DA6021 input supply
voltage
IP
SVID
SVID_CLK
1
V1P0S
Serial VID clock signal
ID
SVID_DIO
1
V1P0S
Serial VID data in/out
IOD
SVID_ALERT_B
1
V1P0S
Serial VID to SoC interrupt
OD
Power
source
detection &
charger
control
VDCIN_SENSE
1
5V
AC/DC adapter input
voltage detection (20V via
ext. components)
IP
ACPRESENT
1
V1P8
Valid AC/DC adapter
voltage detection
OD
VBUSSENSE
1
VUSBPHY
USB input voltage
detection (20V via ext.
components)
IP
CHGDET_B
1
VSYS
USB DCP detection from
USBPHY (0=USB DCP)
ID
CHGRINT_B
1
Battery charging status
0=charging in progress
1=charging complete
IA
ILIM[1:0]
2
VSYS
Charging current limit
OD
System
control
I2C_CLK
1
V1P8S
I2C clock signal
ID
I2C_DATA
1
V1P8S
I2C data IO
IOD
IRQ
1
V1P8S
Interrupt signal to So
OD
I2CM_CLK
1
VSYS
I2C clock signal
OD
I2CM_DATA
1
VSYS
I2C data IO
IOD
PWRBTNIN_B
1
VSYS
System power button input
ID
PWRBTN
1
V1P8A
System power button
output
OD
PLTRST_B
1
V1P8A
Platform reset signal
OD
SLP_S0iX_B
1
V1P8A
Standby S0iXtrigger
0=enter S0iX
1=exit S0iX
ID
SLP_S3_B
1
V1P8A
Sleep S3 trigger
0=enter S3
1=exit S3
ID
SLP_S4_B
1
V1P8A
Sleep S4 trigger
0=enter S4
1=exit S4
ID
RSMRST_B
1
V3P3A
Resume reset to SoC, de-
assertion (=1) after V3P3A
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com