Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 64Page - Renesas Technology Corp DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp DA6021 Datasheet HTML 69Page - Renesas Technology Corp DA6021 Datasheet HTML 70Page - Renesas Technology Corp DA6021 Datasheet HTML 71Page - Renesas Technology Corp DA6021 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
68 of 224
www.dialog-semiconductor.com
Voltage Rail ON/OFF On Various Power States
11.2
Supply Module
Voltage domain
S0
S0ix
S3
S4/5
G3
VLV2
VCC
On
Off
Off
Off
Off
VLV2
VNN
On
On
Off
Off
Off
VLV2
V1P0A
On
On
On
On
Off
VLV2
V1P05S
On
On
Off
Off
Off
VLV2
V1P8A
On
On
On
On
Off
VLV2/DDR3
VDDQ
On
On
On
Off
Off
VLV2,
Peripherals
V3P3A
On
On
On
On
Off
Peripherals
V2P85S
On
On
Off
Off
Off
Peripherals
V5P0S
On
On
Off
Off
Off
DDR3
VDDQ_VTT
On
On
Off
Off
Off
VLV2
V1P2A
On
On
On
On
Off
VREFDQ0
On
On
On
Off
Off
VREFDQ1
On
On
On
Off
Off
DA6021
VLP
On
On
On
On
Off
V1P2S
On
On
Off
Off
Off
V1P2SX
On
Off
Off
Off
Off
Peripherals
VUSBPHY
On
On
On
On
Off
Peripherals
VSDIO
On/Off *)
On/Off *)
Off
Off
Off
VLV2
V1P8S
On
On
Off
Off
Off
V1P8SX
On/Off *)
Off/Off *)
Off
Off
Off
Peripherals
VHDMI
On/Off *)
On/Off *)
Off
Off
Off
VSYS_S
On/Off *)
On/Off *)
Off
Off
Off
Peripherals
VSYSU
On/Off *)
On/Off *)
On/Off *)
Off
Off
Peripherals
VSYS_SX
On/Off *)
On/Off *)
Off
Off
Off
Peripherals
V2P85SX
On/Off *)
On/Off *)
Off
Off
Off
Peripherals
V3P3U
On/Off *)
On/Off *)
On/Off *)
Off
Off
VLV2
V3P3S
On
On
Off
Off
Off
Peripherals
V1P8U
On
On
On
Off
Off
VLV2
V1P0S
On
On
Off
Off
Off
VLV2
V1P0SX
On
Off
Off
Off
Off
Peripherals
VHOST
On/Off *)
On/Off *)
Off
Off
Off
Peripherals
VBUS
On/Off *)
On/Off *)
Off
Off
Off
Table 28: Status Power Domains
*) on-demand register controlled
PMIC Current Consumption in Various States
11.3
Ta = 25°C, VSYS = 3.7V, no load
Power State
min
Typ.
[mA]
Max
SOC_S0
2.089
SOC_S0iX
1.793
SOC_S3
1.022
SOC_S4
0.789
SOC_G3
0.069
G3
0.056
Table 29: PMIC Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com