Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 21Page - Renesas Technology Corp DA6021 Datasheet HTML 22Page - Renesas Technology Corp DA6021 Datasheet HTML 23Page - Renesas Technology Corp DA6021 Datasheet HTML 24Page - Renesas Technology Corp DA6021 Datasheet HTML 25Page - Renesas Technology Corp DA6021 Datasheet HTML 26Page - Renesas Technology Corp DA6021 Datasheet HTML 27Page - Renesas Technology Corp DA6021 Datasheet HTML 28Page - Renesas Technology Corp DA6021 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
25 of 224
www.dialog-semiconductor.com
VBATBKUP
1
Coin Cell backup battery
OP
VREFB
1
VLP
Battery ID bias voltage
OP
VREFT
1
VLP
battery thermistor bias
voltage
OP
DEBUG_CS
1
VSYS
Selecting SVID and I2C
channel for debugging
I
DEBUG_SVID_CLK
1
V1P0S
SVID clock from Valleyview
2 debug channel
I
DEBUG_SVID_DATA
1
V1P0S
SVID data in/out, debug
channel
IO
DEBUG_SVID_ALERT_B
1
V1P0S
SVID interrupt from PMIC
debug channel
O
DEBUG_I2C_CLK
1
V1P8S
I2C clock debug channel
I
DEBUG_I2C_DATA
1
V1P8A
I2C data debug channel
IO
Table 4: Pin Description
Pin Type
Description
Pin Type
Description
I
Input
D
Digital
O
Output
P
Power
A
Analog
Table 5: Pin Type Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com