Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 85Page - Renesas Technology Corp DA6021 Datasheet HTML 86Page - Renesas Technology Corp DA6021 Datasheet HTML 87Page - Renesas Technology Corp DA6021 Datasheet HTML 88Page - Renesas Technology Corp DA6021 Datasheet HTML 89Page - Renesas Technology Corp DA6021 Datasheet HTML 90Page - Renesas Technology Corp DA6021 Datasheet HTML 91Page - Renesas Technology Corp DA6021 Datasheet HTML 92Page - Renesas Technology Corp DA6021 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
89 of 224
www.dialog-semiconductor.com
VDDQ_VTT_CTRL.
SLP_S3_B
VDDQ_VTT
VDDQ_VTT_SEL
VDDQ_VTT_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 43: VDDQ_VTT Truth Table
VDDQ_VTT electrical specification:
Symbol
Parameter
Min
Typ
Max
Unit
Notes/Condition
Val
Input requirement
Vin
(DDR3 LP)
Main input voltage
VDDQ_VTT_VIN
1.01
V
Supplied by V1P0A
-
Vin
(DDR3 L)
Main input voltage
VDDQ_VTT_VIN
1.35
V
Supplied by VDDQ
-
Cin
VDDQ_VTT_IN
100
nF
-
Output requirement
Vnom
Nominal output
voltage
VDDQ/2
V
VDDQ used to generate
VDDQ_VTT_VREF
-
Vtol
Output voltage
tolerance
-2
+2
%
Of input supply voltage
A
Cout
Output capacity
10
µF
-
Iout-DC
Output load
current
±325
mA
D,E
Transient
load current
0-240mA
200
200
ns
E
IQSC
Quiescent current
VDDQ_VTT_VIN
200
µA
Iout-DC = 0mA
A
PSRR
Power supply
rejection ratio
40
60
dB
Noise = 1 Vpp, 1-10kHz,
½ Iout-DC
D,E
Vnoise
Output Noise
60
100
µVRMS BW = 10-100kHz, ½
Iout
D,E
Table 44: Electrical Parameter for VDDQ_VTT
DC/DC Buck Regulator V1P05S
11.6.4
The high efficiency buck regulator supplies the L2 SRAM of the SoC.
The maximum output current of the 1P05S buck regulator is 474mA
Figure 34: Buck V1P05S Block Diagram
BUCK_V1P05S
1.05V
0.5A
V1P05S bus
V1P05S_FBP
V1P05S_FBN
V1P05S_VIN
C
V1P05S_GND
0.47µH
LX
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com