Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 60Page - Renesas Technology Corp DA6021 Datasheet HTML 61Page - Renesas Technology Corp DA6021 Datasheet HTML 62Page - Renesas Technology Corp DA6021 Datasheet HTML 63Page - Renesas Technology Corp DA6021 Datasheet HTML 64Page - Renesas Technology Corp DA6021 Datasheet HTML 65Page - Renesas Technology Corp DA6021 Datasheet HTML 66Page - Renesas Technology Corp DA6021 Datasheet HTML 67Page - Renesas Technology Corp DA6021 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
64 of 224
www.dialog-semiconductor.com
Modem Reset Sequence
10.3.10
The sequence is initiated by the SoC while setting the MODEMRSTSEQ bit. During a modem reset sequence
DA6021 will toggle the SDWN_B and MODEM_OFF_B pins. For detail refer to the following diagram.
Figure 22: Modem Reset Sequencing Diagram
Intervals
T1
T2
T3
Time
400us-800us
14ms (min)
5ms (min)
Table 25: Modem Reset Timing Intervals
Register Name
MODEMCTRL
Address
0x29
Page 1
Read/Write
0x01
MSB
LSB
R
R
R
R
R
R
R/W
R/W
reserved
MODEM_
RSTSEQ
MODEM_
OFF_ST
MODEM_OFF_ST
0
1
Actual status of the MODEM_OFF_B bit
MODEM_RSTSEQ
0
1
MODEM_OFF_B
SDWN_B
T1
T2
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com