Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA6021 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # DA6021
Description  HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA6021 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button DA6021 Datasheet HTML 98Page - Renesas Technology Corp DA6021 Datasheet HTML 99Page - Renesas Technology Corp DA6021 Datasheet HTML 100Page - Renesas Technology Corp DA6021 Datasheet HTML 101Page - Renesas Technology Corp DA6021 Datasheet HTML 102Page - Renesas Technology Corp DA6021 Datasheet HTML 103Page - Renesas Technology Corp DA6021 Datasheet HTML 104Page - Renesas Technology Corp DA6021 Datasheet HTML 105Page - Renesas Technology Corp DA6021 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 225 page
background image
DA6021
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR
INTEL® ATOM™ Z3000 PROCESSOR
Company Confidential
Data Sheet
Version 3.A - Final
31-Jan-14
© 2014 Dialog Semiconductor GmbH
102 of 224
www.dialog-semiconductor.com
Register Name
V1P2S_CTRL
Address
0x60
Page 1
Read/Write
Reset Value 0x00
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V1P2S
_SEL
V1P2S
_EN
V1P2S_EN
0
1
V1P2S off
V1P2S on
V1P2S_SEL
0
1
V1P2S controlled by SLP_S3_B according to sequencing
V1P2S controlled by V1P2S_CTRL.V1P2S_EN bit
Regardless of V1P2S_EN and V1P2S_SEL, V1P2S is disable when
SLP_S3_B is asserted, means low
V1P2S_CTRL.
SLP_S3_B
V1P2S
V1P2S_SEL
V1P2S_EN
1
0
1
Off
1
1
1
On
x
x
0
Off
Table 60: V1P2S Truth Table
V1P2SX:
This voltage rail is used to supply the SoC SFR via an internal switch from VDDQ.
Description
Value [max, m
Ω]
Val
Input power path board resistance
20
-
Output power path board resistance
20
-
Input, output rails wirebond & internal FET RDS-ON
160
A,D,E
Table 61: V1P2SX Power Switch Specification
Register Name
V1P2SX_CTRL
Address
0x61
Page 1
Read/Write
Reset Value
0x00
MSB
LSB
R
R
R
R
R
R
R/W
R/W
Reserved
V1P2SX
_SEL
V1P2SX
_EN
V1P2SX_EN
0
1
V1P2SX off
V1P2SX on
V1P2SX_SEL
0
1
V1P2SX controlled by SLP_S0iX_B according to sequencing
V1P2SX controlled by V1P2SX_CTRL.V1P2SX_EN bit
Regardless of V1P2SX_EN and V1P2SX_SEL, V1P2SX is disable
when SLP_S3_B is asserted, means low
The maximum current is defined to 155mA, switched internally and controlled via the SoC SLP_S0iX_B signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com