Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV2T6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STR755FV2T6
Description  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV2T6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STR755FV2T6 Datasheet HTML 52Page - STMicroelectronics STR755FV2T6 Datasheet HTML 53Page - STMicroelectronics STR755FV2T6 Datasheet HTML 54Page - STMicroelectronics STR755FV2T6 Datasheet HTML 55Page - STMicroelectronics STR755FV2T6 Datasheet HTML 56Page - STMicroelectronics STR755FV2T6 Datasheet HTML 57Page - STMicroelectronics STR755FV2T6 Datasheet HTML 58Page - STMicroelectronics STR755FV2T6 Datasheet HTML 59Page - STMicroelectronics STR755FV2T6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Electrical parameters
STR750F
56/71
Output speed
Subject to general operating conditions for VDD_IO and TA unless otherwise specified.
Figure 26.
I/O output speed definition
Table 33.
Output speed
I/O dynamic characteristics for
VDD_IO = 3.0 to 3.6V and EN33 bit =1
or VDD_IO = 4.5 to 5.5V and EN33 bit =0
I/O
Type
Symbol
Parameter
Conditions
Min Typ Max Unit
O2
Fmax(IO)out Maximum Frequency
(1)
1.
The maximum frequency is defined as described in Figure 26.
CL=50 pF
10
MHz
tf(IO)out
Output high to low level fall
time(2)
2.
Data based on product characterisation, not tested in production.
CL=50 pF
Between 10% and 90%
30
ns
tr(IO)out
Output low to high level rise
time(2)
30
O4
Fmax(IO)out Maximum Frequency
(1)
CL=50 pF
25
MHz
tf(IO)out
Output high to low level fall
time(2)
CL=50 pF
Between 10% and 90%
12
ns
tr(IO)out
Output low to high level rise
time(2)
12
O8
Fmax(IO)out Maximum Frequency
(1)
CL=50pF
40
MHz
tf(IO)out
Output high to low level fall
time(2)
CL=50 pF
Between 10% and 90%
6
ns
tr(IO)out
Output low to high level rise
time(2)
6
10%
T
90%
50%
tr(IO)out
OUTPUT
EXTERNAL
ON 50pF
Maximum frequency is achieved if (tr + tf) ≤ (2/3)T and if the duty cycle is (45-55%)
10%
50%
90%
tr(IO)out
when loaded by 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com